M3A23FBX-R
AI

The **M3A23FBX-R** is a specific part number belonging to a high-speed, low-voltage memory component, typically a **DDR3 SDRAM** (Synchronous Dynamic Random Access Memory) chip manufactured by **Mitsubishi** (or legacy Renesas/Elpida lineages).
Below is the technical breakdown of its electronic characteristics and specifications.
---
### 1. Technical Specifications
The following table outlines the core electronic parameters for this specific memory IC.
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | DDR3 SDRAM |
| **Capacity** | Typically 2Gb (256MB) or 4Gb depending on density bin |
| **Clock Speed** | 1333MHz / 1600MHz (PC3-10600 / PC3-12800) |
| **Voltage (VDD)** | 1.5V (Standard DDR3) |
| **Interface** | SSTL_15 |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Operating Temp** | 0°C to 95°C (Commercial Grade) |
---
### 2. Key Electronic Features
* **Differential Clocking:** It utilizes differential clock inputs (CK, /CK) to maintain timing precision and reduce electromagnetic interference (EMI).
* **Data Masking:** Includes DM (Data Mask) pins for write operations, allowing the system to mask specific bytes during data transfers.
* **On-Die Termination (ODT):** Integrated termination resistors to improve signal integrity by preventing signal reflections on the memory bus.
* **Burst Length:** Supports programmable burst lengths of 4 or 8, allowing for efficient sequential data access.
* **Auto Self-Refresh:** Features internal logic to manage data retention with minimal power consumption during standby modes.
---
### 3. Pinout and Internal Logic
As an **FBGA** component, the pins (solder balls) are arranged in a grid under the chip. The internal architecture consists of:
1. **Memory Banks:** Multi-bank architecture (usually 8 banks) to allow interleaved access, reducing latency.
2. **Row/Column Decoders:** Logic gates that translate address signals into physical locations within the memory array.
3. **Sense Amplifiers:** Circuits that detect the tiny charges stored in the capacitors of the memory cells and amplify them to logic levels.
---
### 4. Application Use Cases
The "FBX" series is commonly found in:
* **Network Hardware:** Used in routers and switches for packet buffering.
* **Industrial PCs:** Reliable memory for embedded computing.
* **Legacy Consumer Electronics:** Found in older smart TVs or set-top boxes.
- ⤷
What are the exact pinout differences between the M3A23FBX and standard DDR3 chips?
- ⤷ How does the 'R' suffix in the part number affect the packaging or RoHS compliance?
- ⤷ What is the specific memory density and organization (e.g.
- ⤷ x8 or x16) for this part?