M3A24TCD-R
AI

The **M3A24TCD-R** is a high-performance, automotive-grade microcontroller part of the **RH850/F1KM-S1** series manufactured by **Renesas Electronics**. It is specifically designed for automotive Body Control Modules (BCM), gateway applications, and functional safety requirements.
---
### 1. Technical Specifications
The following table outlines the core electronic characteristics of the M3A24TCD-R:
| Feature | Specification |
| :--- | :--- |
| **Core** | RH850 G3KH (32-bit RISC) |
| **Max Clock Frequency** | 120 MHz |
| **Program Flash Memory** | 1.0 MB |
| **Data Flash Memory** | 32 KB |
| **RAM** | 128 KB |
| **Operating Voltage** | 3.0V to 5.5V |
| **Operating Temperature** | -40°C to +125°C (AEC-Q100 Qualified) |
| **Package** | 100-pin LFQFP |
---
### 2. Key Electronic Components & Subsystems
The M3A24TCD-R integrates several specialized blocks that define its functionality:
#### A. Communication Interfaces
As an automotive controller, it is equipped with extensive networking capabilities:
* **CAN-FD (Flexible Data-rate):** Supports high-speed in-vehicle communication.
* **LIN (Local Interconnect Network):** For simpler peripheral control (windows, mirrors).
* **SPI/I2C:** For inter-chip communication with sensors or external EEPROM.
#### B. Analog-to-Digital Conversion (ADC)
* Equipped with a **12-bit ADC** module.
* Features multiple input channels to monitor battery voltage, temperature sensors, and analog sensor signals from the vehicle.
#### C. Functional Safety (ISO 26262)
One of the most critical aspects of this part is its support for **ASIL-B** (Automotive Safety Integrity Level). It includes:
* **ECC (Error Correction Code):** Monitors and fixes single-bit errors in Flash and RAM.
* **MPU (Memory Protection Unit):** Prevents unauthorized code from accessing protected memory regions.
* **Watchdog Timers:** Hardware-based timers to reset the system if the software hangs.
#### D. Power Management
* Features an internal **LDO (Low Dropout Regulator)** to manage the internal core voltage from the external 5V supply.
* Includes low-power modes (Deep Stop/Cyclic Run) to minimize battery drain when the vehicle is parked.
---
### 3. Application Use Cases
The M3A24TCD-R is typically used in the following electronic modules:
1. **Body Control Modules (BCM):** Managing lighting, wipers, and central locking.
2. **HVAC Controllers:** Managing climate control sensors and fan motors.
3. **Automotive Gateways:** Translating data between different vehicle networks (CAN to LIN).
---
- ⤷
What are the specific differences between the M3A24TCD-R and other RH850 series variants?
- ⤷ Can you provide the pinout diagram details for the 100-pin LFQFP package?
- ⤷ What development tools or IDEs are recommended for programming this Renesas microcontroller?