M3A25TBA-R
AI

The **M3A25TBA-R** is a specific part number belonging to a series of **Rotary DIP Switches** manufactured by **Copal Electronics** (now part of Nidec Components). These components are commonly used on Printed Circuit Boards (PCBs) to set configurations or addresses manually.
---
### 1. Component Specification Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Rotary DIP Switch |
| **Part Number** | M3A25TBA-R |
| **Number of Positions** | 10 Positions (Decimal) |
| **Output Code** | BCD (Binary Coded Decimal) |
| **Actuator Style** | Arrow/Flat (Flush type) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Packaging** | Tape & Reel (indicated by the "-R") |
| **Pin Pitch** | 2.54mm (Standard) |
---
### 2. Electronic Characteristics
* **Logic Type:** This is a **Binary Coded Decimal (BCD)** switch. When you rotate the dial to a number (0-9), the internal electrical contacts close in a specific pattern across 4 output pins representing $2^0, 2^1, 2^2,$ and $2^3$.
* **Contact Rating:**
* *Switching:* Typically 5VDC 100mA.
* *Non-Switching:* Typically 50VDC 100mA.
* **Sealing:** These parts are usually "process sealed," meaning they can withstand wave soldering and board washing without internal contamination.
---
### 3. Pinout and Coding Logic
The switch translates the decimal position on the dial into binary signals. For the **M3A25TBA-R**, the truth table generally follows this logic:
| Position | Pin 1 ($2^0$) | Pin 2 ($2^1$) | Pin 4 ($2^2$) | Pin 8 ($2^3$) |
| :---: | :---: | :---: | :---: | :---: |
| **0** | Open | Open | Open | Open |
| **1** | Closed | Open | Open | Open |
| **2** | Open | Closed | Open | Open |
| **...** | ... | ... | ... | ... |
| **9** | Closed | Open | Open | Closed |
---
### 4. Typical Applications
* **Address Settings:** Setting unique IDs for nodes in an RS-485 or CAN bus network.
* **Mode Selection:** Configuring hardware operation modes (e.g., baud rate selection) without needing a digital interface.
* **Industrial Controls:** Used in PLCs and automation modules for field configuration.
---
- ⤷What is the difference between BCD and Hexadecimal rotary switches?
- ⤷ How do I solder the M3A25TBA-R to a PCB?
- ⤷ Are there through-hole equivalents for this SMT part?