Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A28FBG-R

  • AI
    The **M3A28FBG-R** is a high-performance memory module manufactured by **Micron** (often branded under the Crucial line). Specifically, it is a DDR3 VLP (Very Low Profile) Registered ECC DIMM, typically used in high-density server environments and blade servers. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Type** | DDR3 SDRAM | | **Form Factor** | VLP RDIMM (Very Low Profile Registered DIMM) | | **Capacity** | 2GB / 4GB (Varies by specific revision suffix) | | **Speed** | 1333 MT/s (PC3-10600) | | **Voltage** | 1.5V | | **Error Correction** | ECC (Error Correcting Code) | | **Rank** | 1Rx8 or 2Rx8 (Depending on the specific build) | --- ### 2. Core Electronic Components The module is comprised of several critical integrated circuits (ICs) and discrete components: #### A. DRAM Chips (SDRAM) These are the storage cells. In the M3A28FBG-R, these are high-density DDR3 chips. * **Function:** Store data bits in a grid of capacitors and transistors. * **ECC Support:** Unlike consumer RAM, this module includes an extra DRAM chip to store parity bits, allowing the system to detect and correct single-bit errors. #### B. The Register (RCD - Registering Clock Driver) As a "Registered" (RDIMM) module, it contains a hardware register. * **Function:** It acts as a buffer between the system's memory controller and the DRAM chips. This reduces the electrical load on the memory controller, allowing the server to support more memory modules simultaneously without signal degradation. #### C. SPD EEPROM (Serial Presence Detect) A small 8-pin chip located on the PCB. * **Function:** It stores the module's timing parameters, voltage requirements, and manufacturer data. The motherboard BIOS reads this chip during boot to configure the memory settings automatically. #### D. Decoupling Capacitors Small surface-mount (SMD) components scattered across the green PCB. * **Function:** They suppress electrical noise and provide local energy storage to smooth out voltage fluctuations when the DRAM chips switch states rapidly. --- ### 3. Physical Design: VLP (Very Low Profile) The "FBG" designation often refers to the specific physical layout. * **Height:** VLP modules are significantly shorter than standard DIMMs (usually around 18.75mm vs 30mm). * **Electronic Impact:** By reducing the PCB height, the trace lengths are shorter, which can improve signal integrity, but more importantly, it allows for better airflow in cramped 1U server chassis.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Buffered (Registered) and Unbuffered memory?
    • ⤷ How does ECC technology detect and correct data errors?
    • ⤷ Can I use VLP RAM in a standard desktop motherboard?