Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A61TAA-R

  • AI
    ## Overview of the M3A61TAA-R The **M3A61TAA-R** is an industrial-grade **TFT-LCD Controller Board** (often referred to as an AD Board or Interface Bridge). It is primarily designed to convert standard video signals into the specific signaling required to drive high-definition LCD panels. --- ### Core Electronic Components The board consists of several functional blocks that manage signal processing, power distribution, and backlighting. | Component Category | Description | | :--- | :--- | | **Main Scaler IC** | The "brain" of the board. It processes incoming signals (resizing, color correction) and converts them for the LCD panel. | | **LVDS Interface** | Low-Voltage Differential Signaling connector used to transmit video data to the display panel. | | **Inverter/LED Driver** | Circuits that step up voltage to power the display's backlight (CCFL or LED). | | **EEPROM/Flash Memory** | Stores the firmware and EDID (Extended Display Identification Data) information. | | **Voltage Regulators** | DC-to-DC converters (typically 12V down to 5V, 3.3V, or 1.8V) to power internal ICs. | --- ### Key Technical Specifications Based on its typical configuration in industrial displays: * **Input Interface:** Usually features **VGA (D-Sub)** and **DVI/HDMI** inputs. * **Output Signal:** Single or Dual Link **LVDS** (supports resolutions up to 1920x1080). * **Power Input:** Typically operates on a **+12V DC** power supply. * **OSD (On-Screen Display):** Supports an external keypad for brightness, contrast, and color adjustment. * **Aspect Ratio Support:** 4:3, 16:9, and 16:10 scaling options. --- ### Common Usage Scenarios 1. **Industrial Monitors:** Replacing a failed controller board in a CNC machine or factory kiosk. 2. **Display Conversion:** Converting a raw laptop or industrial LCD panel into a standalone monitor. 3. **Digital Signage:** Driving small to medium-sized advertising screens that require stable 24/7 operation. --- ### Troubleshooting & Maintenance * **No Image (Backlight On):** Often indicates a failure in the LVDS cable or the Scaler IC. * **Flickering:** Usually caused by unstable voltage from the DC power brick or failing capacitors in the power stage. * **Firmware Issues:** If the resolution is incorrect, the board may need the specific firmware "flashed" for the panel it is driving.
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the LVDS connector on this board?
    • ⤷ Does the M3A61TAA-R support 4K resolution via HDMI?
    • ⤷ Which specific LCD panel models is this board commonly paired with?