M3A61TAG-R
AI

The **M3A61TAG-R** is a specific electronic component, primarily identified as a high-performance **Oscillator** (often a Temperature Compensated Crystal Oscillator or TCXO) or a specialized timing module used in telecommunications and industrial networking.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The M3A series is typically associated with high-precision frequency control.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (TCXO / VC-TCXO) |
| **Package Type** | Surface Mount Device (SMD) |
| **Frequency Range** | Typically 10MHz to 52MHz (Model specific) |
| **Operating Voltage** | 3.3V (standard for the "3" series designation) |
| **Output Type** | Clipped Sine Wave or CMOS |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Key Electronic Parts & Functionality
The internal architecture of the M3A61TAG-R consists of several integrated layers:
* **Quartz Crystal Resonator:** The heart of the component that provides the fundamental vibration frequency.
* **Temperature Compensation Circuit:** An analog or digital circuit that adjusts the load capacitance to counteract frequency drift caused by temperature changes.
* **Buffer Amplifier:** Ensures the output signal is strong enough to drive the load without affecting the stability of the resonator.
* **Voltage Regulator:** Internal regulation to minimize frequency fluctuations caused by power supply noise (PSRR).
---
### 3. Pin Configuration
For standard SMD packages in this series (typically 4 or 6 pads), the layout is usually as follows:
| Pad Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Vc or NC | Voltage Control (for tuning) or No Connection |
| **2** | GND | Ground Connection |
| **3** | Output | The frequency signal output |
| **4** | Vcc | Positive Supply Voltage (3.3V) |
---
### 4. Common Applications
Due to its high stability and small footprint, the M3A61TAG-R is found in:
1. **Wireless Communication:** Base stations and small cells.
2. **GPS/GNSS Receivers:** Providing precise timing for satellite synchronization.
3. **IoT Gateways:** Ensuring stable data transmission over long distances.
4. **Network Switches:** Clocking for high-speed Ethernet physical layers.
---
- ⤷
What is the exact frequency tolerance in PPM for this model?
- ⤷ How does the 'R' suffix affect the packaging or RoHS compliance?
- ⤷ Can this component be used in automotive safety systems?