Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A61TCG-R

  • AI
    The **M3A61TCG-R** is a specific part number typically associated with **M.2 Solid State Drives (SSDs)**, often manufactured by companies like Micron/Crucial or Lite-On (Kioxia). It is an industrial or OEM-grade storage component designed for laptops, workstations, and embedded systems. Below is a breakdown of the electronic specifications and characteristics of this component. --- ### 1. General Specifications | Feature | Details | | :--- | :--- | | **Component Type** | Solid State Drive (SSD) | | **Form Factor** | M.2 2280 (22mm wide x 80mm long) | | **Interface** | SATA III (6.0 Gbps) or PCIe NVMe (Model dependent) | | **Capacity** | Typically 256GB / 512GB (Varies by suffix) | | **Memory Type** | TLC (Triple-Level Cell) 3D NAND Flash | --- ### 2. Key Electronic Components An SSD like the M3A61TCG-R consists of several critical integrated circuits (ICs) working in tandem: #### A. Flash Controller The "brain" of the device. It manages the data flow between the host computer and the NAND storage. It handles: * **Error Correction Code (ECC):** Fixing bit errors that occur over time. * **Wear Leveling:** Ensuring data is written evenly across all flash cells to prolong life. * **Bad Block Management:** Identifying and bypassing physical defects on the silicon. #### B. 3D NAND Flash Chips The actual storage medium. Unlike traditional planar NAND, 3D NAND stacks layers of memory cells vertically. * **Benefits:** Higher density, lower power consumption, and better durability. * **Organization:** Data is stored in blocks and pages, which are electronically erased using high-voltage tunneling. #### C. Power Management IC (PMIC) SSD boards contain small regulators and capacitors to convert the 3.3V power supplied by the M.2 slot into lower voltages (typically 1.8V, 1.2V, and 0.9V) required by the controller and NAND chips. --- ### 3. Electrical Characteristics * **Supply Voltage:** 3.3V ± 5% * **Power Consumption:** * *Active:* ~2.5W - 4.5W (during heavy read/write) * *Idle:* < 50mW (standard low-power states) * **Operating Temperature:** 0°C to 70°C (Standard commercial grade) --- ### 4. Logic and Communication The device communicates via the **SATA or NVMe protocol** using a differential signaling method. * If **SATA**: Uses the AHCI protocol for compatibility with older chipsets. * If **NVMe**: Uses the PCIe bus for significantly lower latency and higher bandwidth. --- ### Summary Table: Pros and Cons | Pros | Cons | | :--- | :--- | | Low power consumption (Ideal for laptops) | Slower than high-end Gen4 NVMe drives | | High shock/vibration resistance | Limited write endurance compared to SLC/MLC | | Compact physical footprint | Performance may throttle if it exceeds 70°C |
    ✨ Follow-up Questions
    • ⤷ Is the M3A61TCG-R compatible with a standard desktop motherboard?
    • ⤷ How does the 3D NAND in this drive differ from traditional 2D NAND?
    • ⤷ What is the expected MTBF (Mean Time Between Failures) for this electronic part?