M3A62FBX-R
AI

Based on the part number **M3A62FBX-R**, this component is a specific configuration of a high-performance **Crystal Oscillator** or **TCXO (Temperature Compensated Crystal Oscillator)** typically manufactured by **MtronPTI**.
These components are critical in telecommunications and aerospace applications for providing stable frequency references.
---
## Technical Specifications & Features
The following table outlines the general electronic characteristics associated with the M3A series:
| Parameter | Typical Specification |
| :--- | :--- |
| **Output Type** | CMOS / HCMOS |
| **Frequency Range** | Typically 1.0 MHz to 160 MHz |
| **Supply Voltage** | 3.3V (Commonly indicated by '3' in series) |
| **Stability** | ±1.0ppm to ±5.0ppm (Temp dependent) |
| **Package Size** | 5.0 x 7.0 mm (Surface Mount Device) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
---
## Breakdown of the Part Number Structure
While specific manufacturer prefixes can vary slightly, the nomenclature usually follows this logic:
### 1. Series (M3A)
* **M:** Refers to the manufacturer series (MtronPTI).
* **3:** Generally indicates a **3.3V DC** operating voltage.
* **A:** Specific designator for internal architecture or output type (often HCMOS).
### 2. Stability & Temperature (62)
* These digits usually correspond to the frequency stability over a specific temperature range. For example, "62" might denote a stability of ±2.0 ppm over -40°C to +85°C.
### 3. Package & Function (FB)
* **F:** Fixed Frequency (as opposed to Voltage Controlled).
* **B:** Refers to the physical package footprint (7x5mm Ceramic Leadless Chip Carrier).
### 4. Special Options (X-R)
* **X:** Often denotes custom requirements or high-reliability screening.
* **-R:** Indicates compliance with **RoHS** (Lead-Free) standards or **Tape & Reel** packaging.
---
## Key Applications
The M3A62FBX-R is designed for environments where frequency drift must be minimized:
1. **Networking Hardware:** Switches and routers requiring precise timing for data packets.
2. **Wireless Infrastructure:** Base stations and point-to-point microwave links.
3. **Test & Measurement:** Oscilloscopes and frequency counters.
4. **Avionics:** Systems requiring stable performance despite high temperature fluctuations.
- ⤷
What is the exact frequency for this specific part number?
- ⤷ Can you provide the pinout diagram for a 7x5mm oscillator package?
- ⤷ What are the alternatives to MtronPTI for TCXOs?