M3A62FCG-R
AI

The **M3A62FCG-R** is a specific high-performance N-channel Power MOSFET developed by **Toshiba**. It belongs to the **U-MOSIX-H** series, which is designed for high-speed switching and low power loss in automotive and industrial applications.
---
### ## 1. Key Specifications
The technical parameters define how much power the component can handle and its efficiency during operation.
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 60 V | Maximum voltage the device can withstand. |
| **Continuous Drain Current ($I_D$)** | 120 A | Maximum constant current flow. |
| **On-Resistance ($R_{DS(ON)}$)** | ~1.6 mΩ | Resistance when fully on (lower is better for efficiency). |
| **Package Type** | SOP Advance | A compact, surface-mount package with high heat dissipation. |
| **Channel Type** | N-Channel | Standard MOSFET polarity for low-side switching. |
---
### ## 2. Core Features
The M3A62FCG-R is engineered with several advanced characteristics:
* **Low On-Resistance:** The extremely low $R_{DS(ON)}$ (typically around 1.3 to 1.6 mΩ) minimizes conduction losses, making it highly efficient.
* **Low Gate Charge ($Q_g$):** This allows for faster switching speeds and reduces the power required from the gate driver circuit.
* **AEC-Q101 Qualified:** It is rated for automotive use, meaning it can operate reliably in harsh environments with high temperature fluctuations.
* **Small Footprint:** The SOP Advance package provides high power density, allowing for smaller PCB designs without sacrificing current capacity.
---
### ## 3. Common Applications
Due to its high current handling and efficiency, this part is typically found in:
1. **Automotive DC-DC Converters:** Converting battery voltages within electric or hybrid vehicles.
2. **Motor Drivers:** Controlling brushless DC (BLDC) motors in automotive or industrial robotics.
3. **Load Switches:** Acting as an electronic fuse or relay to turn power on/off for specific subsystems.
4. **Switching Voltage Regulators:** Used in high-efficiency power supplies for telecommunications.
---
### ## 4. Schematic Representation
In a circuit diagram, the connections for the M3A62FCG-R are as follows:
```text
Drain (D)
|
+-----+-----+
| |
Gate (G)---|<---| (N-Channel Enhancement Mode)
| |
+-----+-----+
|
Source (S)
```
---
- ⤷What is the thermal resistance rating for the M3A62FCG-R?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
- ⤷ What are the recommended alternatives for the SOP Advance package?