Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3A73FAG-R

  • AI
    The **M3A73FAG-R** is a specific part number for a memory module manufactured by **SK hynix**. It is a high-performance Server/Enterprise-grade RAM stick belonging to the DDR5 generation. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | SK hynix | | **Memory Type** | DDR5 SDRAM | | **Capacity** | 16GB | | **Form Factor** | RDIMM (Registered DIMM) | | **Speed** | 4800 MT/s (PC5-4800B) | | **Voltage** | 1.1V | | **Rank** | 1Rx8 (Single Rank) | | **Error Correction** | ECC (Error Correcting Code) | | **Pin Count** | 288-Pin | --- ## Key Components & Architecture The electronic design of the M3A73FAG-R differs significantly from standard consumer RAM due to its server-oriented architecture. ### 1. DDR5 DRAM Chips The module utilizes SK hynix's advanced node DRAM chips. DDR5 introduces **On-die ECC**, which corrects bit errors within the chip itself, providing a layer of reliability before data even leaves the silicon. ### 2. PMIC (Power Management Integrated Circuit) Unlike DDR4, where voltage regulation was handled by the motherboard, this module features an onboard **PMIC**. * **Purpose:** It regulates the 1.1V power locally on the DIMM. * **Benefit:** Provides better power efficiency, reduces noise, and allows for more granular control of power distribution. ### 3. RCD (Registering Clock Driver) As an **RDIMM**, it includes an RCD chip. * **Function:** It buffers the command and address signals from the memory controller. * **Significance:** This reduces the electrical load on the CPU's memory controller, allowing servers to support many more sticks of RAM without signal degradation. ### 4. SPD Hub and Thermal Sensors The module features a combined SPD (Serial Presence Detect) hub and thermal sensor. This allows the system BIOS to read the module's timings and monitor its temperature in real-time to prevent overheating in high-density server racks. --- ## Usage Considerations * **Compatibility:** This is **Registered (Buffered) ECC** memory. It will **not** work in standard consumer desktop motherboards (like Z790 or X670) even if they support DDR5. It is strictly for Workstations (e.g., Threadripper Pro, Xeon W) and Servers (EPYC, Xeon Scalable). * **Performance:** The 4800 MT/s speed is the baseline JEDEC standard for DDR5, focusing on stability and power efficiency over extreme overclocking.
    ✨ Follow-up Questions
    • ⤷What is the difference between On-die ECC and the Sideband ECC found on this RDIMM?
    • ⤷ Can I mix this SK hynix module with modules from other brands like Samsung?
    • ⤷ Which server CPU architectures are compatible with PC5-4800B RDIMMs?