AI

The **M3A78TCD-R** is an industrial-grade motherboard manufactured by **Portwell**. It is designed around the AMD platform, specifically targeting embedded applications, industrial automation, and high-performance computing tasks requiring long-term availability.
Below is a detailed breakdown of its key electronic components and technical specifications.
---
### 1. Core Chipset and Processor Support
The board utilizes a combination of AMD chipsets designed for high-speed data throughput and robust integrated graphics.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | Socket AM3 / AM3+ |
| **Processor Support** | AMD Phenom II, Athlon II, and Sempron processors |
| **Northbridge** | AMD 780E |
| **Southbridge** | AMD SB710 |
| **TDP Support** | Supports CPUs up to 95W - 125W (depending on revision) |
### 2. Memory and Storage Interface
The electronic layout prioritizes data integrity and expansion for industrial storage needs.
* **RAM Slots:** 4x 240-pin DIMM slots.
* **Memory Type:** Dual-channel DDR3 1066/1333 MHz.
* **Max Capacity:** Up to 16GB.
* **SATA:** 6x SATA II (3.0 Gb/s) connectors supporting RAID 0, 1, 10.
* **Legacy IDE:** Often includes 1x IDE connector for older industrial drives.
### 3. Expansion Slots and Connectivity
The "R" in the model often signifies specific riser or RAID configurations tailored for rackmount servers.
| Slot Type | Quantity | Purpose |
| :--- | :--- | :--- |
| **PCI-Express x16** | 1 | High-end GPU or FPGA accelerators |
| **PCI-Express x4** | 1 | High-speed networking or RAID cards |
| **PCI Slots** | 2 | Legacy industrial I/O and DAQ cards |
| **Ethernet** | 2 | Dual Gigabit LAN (usually Intel or Realtek) |
### 4. Integrated Graphics and I/O
The AMD 780E chipset includes an integrated **ATI Radeon HD 3200** GPU, which provides hardware acceleration for video without needing a discrete card.
* **Video Outputs:** VGA, DVI-D, and sometimes HDMI (layout dependent).
* **USB:** 12x USB 2.0 ports (combination of rear I/O and internal headers).
* **Serial Ports:** Includes RS-232/422/485 headers, critical for industrial machine communication.
### 5. Industrial Features (Power & Reliability)
Unlike consumer boards, the M3A78TCD-R features specialized circuitry:
* **Watchdog Timer:** Programmable timer to reboot the system if software hangs.
* **Solid Capacitors:** Used in the Voltage Regulator Module (VRM) for high-temperature longevity.
* **Long Life Cycle:** Components are selected for a 5-7 year production life.
---
- ⤷What are the specific power supply requirements for the M3A78TCD-R?
- ⤷ Does this motherboard support ECC memory for industrial data integrity?
- ⤷ How do I configure the Watchdog Timer on this specific Portwell board?