AI

The **M3A78TCG-R** is an industrial-grade motherboard manufactured by Portwell, typically designed for embedded applications, kiosks, and automation. It is based on the **AMD 780E + SB710** chipset and utilizes the **Socket AM2+** architecture.
Below is a breakdown of its primary electronic components and specifications.
---
### 1. Core Chipset and CPU Support
The architecture is designed for reliability and long-term availability, common in industrial environments.
| Component | Specification |
| :--- | :--- |
| **CPU Socket** | Socket AM2+ (Supports AMD Phenom, Athlon 64 X2, and Sempron) |
| **Northbridge** | AMD 780E (Industrial version of the 780G) |
| **Southbridge** | AMD SB710 |
| **Memory** | 2x 240-pin DDR2 800/667 MHz DIMM slots (Up to 4GB) |
---
### 2. Integrated Graphics and Video Output
The "780E" chipset features an integrated **ATI Radeon HD 3200** graphics engine, which was highly capable for its era, supporting DirectX 10.
* **VGA:** Standard D-Sub output.
* **DVI-D:** Digital output for modern industrial panels.
* **Side Port Memory:** Often includes a dedicated onboard 128MB DDR3 chip to boost graphics performance without taxing system RAM.
---
### 3. Expansion and Connectivity
Industrial boards like the M3A78TCG-R prioritize legacy support alongside modern (at the time) high-speed I/O.
#### **Expansion Slots**
* **1x PCIe x16:** For discrete graphics or high-speed RAID cards.
* **1x PCIe x1:** For simple expansion.
* **2x PCI Slots:** Crucial for legacy industrial interface cards (e.g., CNC controllers, specialized DAQ cards).
#### **Storage and I/O Interfaces**
* **SATA:** 6x SATA II (3.0 Gb/s) ports supporting RAID 0, 1, 10.
* **Ethernet:** Dual Gigabit LAN (usually powered by Marvell or Realtek controllers).
* **Serial Ports:** Typically supports multiple COM ports (RS232/422/485), essential for industrial machinery communication.
* **USB:** Multiple USB 2.0 headers.
---
### 4. Specialized Industrial Features
Unlike consumer boards, the M3A78TCG-R includes hardware designed for 24/7 stability:
* **Watchdog Timer:** A hardware circuit that automatically resets the system if the software freezes.
* **Solid Capacitors:** Used in the VRM (Voltage Regulator Module) area to prevent leaking or bulging under high-heat conditions.
* **Wide Temperature Tolerance:** Rated for higher operating temperatures than standard office PCs.
---
### 5. Power Specifications
* **ATX Power:** Standard 24-pin ATX and 4-pin 12V connectors.
* **ACPI Support:** Advanced power management for sleep, wake-on-LAN, and scheduled booting.
- ⤷
What are the compatible CPU models for the AM2+ socket on this board?
- ⤷ How do I configure the Watchdog Timer on the M3A78TCG-R?
- ⤷ What is the maximum RAM capacity supported by the SB710 chipset?