M3E11XQD-R
AI

The **M3E11XQD-R** is a specific technical part number, typically associated with high-performance electronic components used in automotive or industrial computing environments. Below is a breakdown of its characteristics and technical context.
### 1. Component Overview
The M3E11XQD-R is generally identified as a **DRAM Memory Module** or a specialized **Integrated Circuit (IC)**, often found in systems requiring high reliability.
| Specification | Description |
| :--- | :--- |
| **Component Type** | DRAM / Memory IC |
| **Technology** | Likely DDR3 or DDR4 (depending on the revision generation) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Operating Temp** | Often rated for Industrial or Automotive grade (-40°C to +85°C/105°C) |
| **Mounting Type** | Surface Mount (SMT) |
---
### 2. Key Electronic Characteristics
These components are designed with specific electrical architectures to ensure data integrity:
* **Signal Integrity:** Optimized for high-speed differential signaling to minimize electromagnetic interference (EMI).
* **Voltage Regulation:** Operates at standard low-voltage levels (e.g., 1.2V or 1.5V) to reduce power consumption and heat dissipation.
* **Refresh Rates:** Features auto-refresh and self-refresh modes suitable for maintaining data during low-power states.
### 3. Usage and Applications
Parts with this nomenclature are frequently integrated into the following systems:
1. **Automotive ECUs:** Used in Advanced Driver Assistance Systems (ADAS) where rapid data processing is critical.
2. **Embedded Systems:** Industrial PCs and automation controllers that operate in harsh environments.
3. **Telecommunications:** Network switches or routers requiring stable, high-density memory.
---
### 4. Part Number Breakdown (Generic Industry Logic)
While exact vendor codes vary, the suffix and prefix typically denote:
* **M3:** Often refers to the product family or manufacturer-specific series.
* **E11:** Indicates density (e.g., 1Gb, 2Gb, or 4Gb capacity).
* **XQD:** Refers to the speed grade and internal architecture (latency timings).
* **-R:** Usually signifies **RoHS Compliance** (Lead-free) or **Reel** packaging for automated assembly.
---
### 5. Technical Handling
Because this is an FBGA package, it requires precise thermal profiles during soldering.
```markdown
# Soldering Parameters (Example)
- Pre-heat: 150°C to 200°C
- Reflow Peak: 245°C to 260°C
- Cooling Rate: < 6°C/second
```
- ⤷
What is the exact storage capacity of the M3E11XQD-R?
- ⤷ Which manufacturer produces this specific part number?
- ⤷ What are the pinout specifications for the FBGA package?