M3E12ZPA-R
AI

The **M3E12ZPA-R** is a specific part number belonging to a series of high-precision electronic components, typically categorized as a **Surface Mount Device (SMD) Crystal Oscillator**. These components are critical for providing a stable clock signal in digital circuits.
---
### 1. Component Specifications
Below is a breakdown of the typical technical attributes for this component:
| Feature | Specification |
| :--- | :--- |
| **Part Type** | Crystal Oscillator (SPXO) |
| **Package Type** | SMD (Surface Mount Device) |
| **Pin Count** | Typically 4-pin or 6-pin |
| **Output Type** | CMOS / TTL Compatible |
| **Supply Voltage** | Common ranges: 1.8V, 2.5V, or 3.3V |
| **Frequency Stability** | Usually ±25ppm to ±100ppm |
| **Operating Temperature** | Standard Industrial (-40°C to +85°C) |
---
### 2. Key Electronic Characteristics
#### A. Piezoelectric Effect
The heart of the M3E12ZPA-R is a quartz crystal. When an electric field is applied, the crystal vibrates at a precise resonance frequency. This frequency is used to pace processors and microcontrollers.
#### B. Output Waveform
As a CMOS-compatible oscillator, it produces a **square wave** signal. This is essential for digital logic circuits where high and low voltage states define binary data.
#### C. Power Consumption
This series is designed for low-power applications. It often features a "Tri-state" or "Enable/Disable" function on Pin 1, allowing the device to enter a low-power standby mode when the clock signal is not required.
---
### 3. Application Use Cases
* **Networking:** Used in Ethernet switches and routers to synchronize data packets.
* **Embedded Systems:** Provides the master clock for Microcontroller Units (MCUs).
* **Storage:** Used in Solid State Drives (SSDs) for timing controller operations.
* **Consumer Electronics:** Found in high-definition video equipment and audio interfaces.
---
### 4. Typical Pin Configuration
Most parts in this series follow a standard industry footprint:
1. **Pin 1:** Standby (Enable/Disable) or No Connection.
2. **Pin 2:** Ground (GND).
3. **Pin 3:** Output (Clock Signal).
4. **Pin 4:** Supply Voltage (Vcc).
- ⤷What is the exact frequency rating of the M3E12ZPA-R?
- ⤷ Is this oscillator compatible with 5V logic systems?
- ⤷ What are the soldering reflow requirements for this SMD package?