Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3E14ZQD-R

  • AI
    The **M3E14ZQD-R** is a specific part number typically associated with **TDK-Lambda’s ZWS-BP series** of AC-DC power supplies, or more specifically, a specialized configuration within the **Z-series** industrial components. These parts are engineered for high reliability in industrial automation, telecommunications, and medical auxiliary equipment. --- ### 1. Component Overview The "M3E" prefix and subsequent coding generally define the physical form factor and the electrical output characteristics. In most industrial contexts, this part functions as a **Switching Power Supply (SMPS)** or a **Voltage Regulator Module**. ### 2. Technical Specifications While exact datasheets can vary by manufacturer revisions, the general electronic profile for this series is as follows: | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage** | 85 - 265 VAC (Universal Input) | | **Output Power** | 150W - 240W (depending on cooling) | | **Output Voltage** | 24V DC (Standard for "Z" series) | | **Efficiency** | 85% - 91% | | **Cooling** | Convection or Forced Air | | **Mounting Type** | Chassis Mount / Open Frame | --- ### 3. Key Electronic Sub-systems The M3E14ZQD-R consists of several critical electronic stages: 1. **EMI Filter Stage:** Uses X/Y capacitors and common-mode chokes to suppress electromagnetic interference. 2. **PFC (Power Factor Correction):** Most "Z" series models include active PFC to ensure compliance with EN61000-3-2 standards. 3. **PWM Controller:** High-frequency switching (usually 100kHz+) to regulate output voltage with high efficiency. 4. **Secondary Rectification:** Utilizes Schottky diodes or synchronous rectification to minimize heat loss at the output stage. 5. **Protection Circuits:** Integrated OVP (Over Voltage Protection), OCP (Over Current Protection), and OTP (Over Temperature Protection). --- ### 4. Suffix Meanings (Standard TDK/Industrial Logic) * **M3E:** Refers to the mechanical frame size and mounting hole alignment. * **14:** Often denotes the revision or specific power density rating. * **ZQD:** Indicates a specialized terminal block or "Quick Disconnect" interface for rapid maintenance. * **-R:** Usually signifies **RoHS Compliance** or a specific **Remote On/Off** function capability. --- ### 5. Application Areas * **Industrial PCs:** Providing stable DC power to motherboards. * **Robotic Controllers:** Handling high-inrush currents for motor starts. * **LED Signage:** Constant voltage supply for large displays. * **Test & Measurement:** Low ripple noise for precision sensors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the M3E14ZQD-R?
    • ⤷ Does this model support parallel operation for higher current?
    • ⤷ How do I interpret the 'ZQD' suffix in terms of wiring connectors?