Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3E18ZQD-R

  • AI
    The **M3E18ZQD-R** is a specific part number typically associated with **Step Motors** (specifically those manufactured by Nidec Servo or similar precision motor manufacturers). This model belongs to a series of high-torque, hybrid stepping motors used in automation and precision positioning. --- ### 1. General Specifications Based on the standard nomenclature for this series, here are the likely technical characteristics: | Parameter | Estimated Specification | | :--- | :--- | | **Motor Type** | Hybrid Stepping Motor | | **Step Angle** | 1.8° (200 steps per revolution) | | **Frame Size** | NEMA 17 or equivalent (approx. 42mm x 42mm) | | **Winding Type** | Unipolar or Bipolar (configuration dependent) | | **RoHS Compliant** | Yes (indicated by the 'R' suffix) | --- ### 2. Electronic Component Breakdown #### A. Stator and Rotor Construction The motor utilizes a **Hybrid** design, combining the best features of Variable Reluctance and Permanent Magnet motors. * **Permanent Magnet Rotor:** Provides high detent torque and efficiency. * **Toothed Stator:** Multiple windings (phases) that create a magnetic field to pull the rotor teeth into alignment. #### B. Electrical Interface * **Lead Wires:** Usually features 4, 5, or 6 wires. * *4-wire:* Bipolar configuration (higher torque at low speeds). * *6-wire:* Unipolar configuration (simpler drive circuitry). * **Insulation Class:** Typically Class B (up to 130°C), ensuring reliability under continuous load. #### C. Control Requirements To operate this part, an external **Stepper Driver** is required. It cannot be plugged directly into a DC power supply. * **PWM Current Control:** Used to limit the current and prevent the coils from overheating. * **Microstepping:** The driver can divide the 1.8° step into smaller increments (e.g., 1/16th step) for smoother motion. --- ### 3. Application Use Cases Because of its precision and torque-to-size ratio, this part is commonly found in: 1. **3D Printers:** For X, Y, or Z-axis movement. 2. **Medical Devices:** Fluid pumps or automated lab equipment. 3. **Office Automation:** High-end scanners or commercial printers. 4. **Security:** Pan-tilt-zoom (PTZ) camera mechanisms. --- ### 4. Technical Pinout (Typical) *If the motor is a 4-wire bipolar type, the wiring is usually paired as follows:* ```text Phase A: Red / Blue Phase B: Green / Black ``` > **Note:** Always verify the specific datasheet for the "ZQD" sub-series variation, as internal resistance (Ohms) and rated current (Amps) can vary based on custom winding requirements requested by OEMs.
    ✨ Follow-up Questions
    • ⤷What is the rated current and voltage for the M3E18ZQD-R?
    • ⤷ How do I wire this motor to an Arduino using an A4988 driver?
    • ⤷ What are the physical dimensions and mounting hole patterns for this motor?