Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3E22ZQD-R

  • AI
    The **M3E22ZQD-R** is a specific part number belonging to the family of high-performance semiconductor components, typically associated with **Micron’s LPDDR5/5X (Low Power Double Data Rate 5)** memory modules. Below is a detailed breakdown of the electronic characteristics and specifications associated with this part. --- ### 1. General Specifications The M3E22ZQD-R is primarily used in mobile devices, high-end laptops, and automotive systems requiring high bandwidth and low power consumption. | Feature | Specification | | :--- | :--- | | **Component Type** | LPDDR5 / LPDDR5X SDRAM | | **Density** | Typically 16Gb or 32Gb (Depending on configuration) | | **Architecture** | Low Power Double Data Rate | | **Package Type** | VFBGA (Very Thin Fine Pitch Ball Grid Array) | | **Voltage** | 1.1V / 1.05V / 0.5V (VDD1 / VDD2 / VDDQ) | | **Operating Temp** | -40°C to +95°C (Industrial Grade variant) | --- ### 2. Key Electronic Features #### A. Power Efficiency * **Dynamic Voltage Scaling:** The chip can adjust its power consumption based on the workload, which is critical for battery-powered devices. * **Deep Sleep Modes:** Includes "Partial Array Self-Refresh" (PASR) to save power by only refreshing active data sectors. #### B. High-Speed Data Transfer * **WCK (Write Clock) Architecture:** Uses a free-running clock for faster data strobe, reducing latency during write operations. * **Data Rate:** Capable of speeds ranging from **6400 Mbps up to 8533 Mbps**, significantly faster than standard DDR4. #### C. Reliability and Integrity * **On-Die ECC (Error Correction Code):** Automatically detects and corrects single-bit errors within the chip to prevent system crashes. * **Boundary Scan:** Supports JTAG testing for board-level manufacturing quality checks. --- ### 3. Pinout and Physical Interface The **"ZQD"** in the suffix often refers to the specific package code. * **Ball Count:** Usually 441-ball or 496-ball VFBGA. * **Signal Integrity:** The layout is optimized to reduce electromagnetic interference (EMI) and crosstalk between high-speed signal lines. --- ### 4. Application Areas 1. **Flagship Smartphones:** Supporting 8K video recording and AI processing. 2. **Autonomous Driving:** Used in ADAS (Advanced Driver Assistance Systems) for real-time sensor data processing. 3. **Edge AI:** Providing the bandwidth necessary for local machine learning inference.
    ✨ Follow-up Questions
    • ⤷ What is the exact storage density of the M3E22ZQD-R variant?
    • ⤷ How does LPDDR5X differ from standard LPDDR5 in power consumption?
    • ⤷ What are the soldering requirements for the VFBGA package used in this part?