AI

The **M3E25XQD-R** is a specific model within the **HDBaseT 3.0 Transceiver** family (specifically the VS3000 series) developed by Valens Semiconductor. This electronic component is designed to facilitate the transmission of high-bandwidth uncompressed data over long distances using standard copper cabling.
---
### 1. Key Technical Specifications
The M3E25XQD-R is characterized by its ability to handle high-definition video, audio, and control signals.
| Feature | Specification |
| :--- | :--- |
| **Interface Standard** | HDBaseT 3.0 |
| **Video Resolution** | Up to 4K @ 60Hz (4:4:4) uncompressed |
| **Data Throughput** | Up to 18Gbps (Downlink) + 2Gbps (Uplink) |
| **Max Distance** | 100 meters (328 ft) over Cat6a cable |
| **USB Support** | Integrated USB 2.0 (High Speed) extension |
| **Ethernet** | 1Gbps Ethernet (1000Base-T) pass-through |
| **Package Type** | BGA (Ball Grid Array) |
---
### 2. Core Electronic Functions
This chip acts as a "convergence" engine. It takes multiple distinct data streams and multiplexes them onto a single Category cable.
* **Valens Strobe Link:** Uses advanced PAM-4 (Pulse Amplitude Modulation) to maintain signal integrity over long distances.
* **Integrated PHY:** Contains the physical layer electronics to drive electrical signals through twisted-pair copper wires.
* **Clock Recovery:** Sophisticated circuitry to ensure low-jitter video timing, essential for 4K video playback.
* **I2C/UART Extension:** Built-in hardware for serial control signals, allowing a source device to control a remote display.
---
### 3. Functional Blocks
The internal architecture of the M3E25XQD-R typically includes:
1. **HDMI Interface:** Connects directly to HDMI 2.0 source or sink components.
2. **Audio Engine:** Supports I2S and S/PDIF formats, including high-bitrate audio (Dolby Atmos, DTS:X).
3. **USB Host/Device Controller:** Bridges USB data for peripheral connectivity (KVM, cameras, touchscreens).
4. **Management Processor:** An internal MCU that handles the link training and HDCP (High-bandwidth Digital Content Protection) encryption/decryption.
---
### 4. Typical Application Circuit
In a hardware design, the M3E25XQD-R is usually surrounded by:
* **Magnetics (Transformers):** To provide galvanic isolation and EMI filtering for the RJ45 port.
* **DC-DC Converters:** To provide the 1.0V, 1.8V, and 3.3V power rails required for the core and I/O.
* **Crystal Oscillator:** Provides the reference clock (usually 25MHz or 125MHz).
---
- ⤷
What are the power consumption characteristics of the M3E25XQD-R?
- ⤷ How does HDBaseT 3.0 differ from the previous 2.0 standard in terms of hardware design?
- ⤷ Which magnetics/transformers are recommended for use with this specific Valens chip?