Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3E51XPA-R

  • AI
    The **M3E51XPA-R** is a specific part number primarily associated with **Industrial HMI (Human Machine Interface) Touchscreen Panels**, specifically those produced by manufacturers like **Pro-face (Schneider Electric)** or specialized industrial display providers. --- ### 1. Key Technical Specifications Based on the standard configuration for this series, here are the electronic and technical components typically found in the M3E51XPA-R: | Component Category | Description | | :--- | :--- | | **Display Type** | TFT Color LCD | | **Resolution** | Usually 800 x 600 pixels (SVGA) or 1024 x 768 (XGA) | | **Input Voltage** | 24V DC (Industrial standard) | | **Touch Technology** | Analog Resistive (Supports gloved use) | | **Backlight** | LED (Long-life, typically 50,000+ hours) | | **Interface Ports** | Serial (RS-232C/RS-422), Ethernet (RJ45), USB Type-A | --- ### 2. Internal Electronic Architecture The "Electronic Parts" of this unit consist of several integrated layers that allow it to function as an industrial controller: #### A. Main Processing Logic * **CPU:** Usually an ARM-based RISC processor designed for low power consumption and high reliability. * **Memory (VRAM/SRAM):** Built-in flash memory for storing screen project data and SRAM for alarm logs/variable data. #### B. The Display Module * **LCD Controller:** Manages the pixel-by-pixel rendering of the GUI. * **Inverter/LED Driver:** Converts the incoming DC power to the specific voltage required to drive the backlight. #### C. Connectivity Components * **UART Controllers:** Manage the serial communication protocols (Modbus, MPI, etc.) used to talk to PLCs (Programmable Logic Controllers). * **Ethernet PHY:** The physical layer chip that handles high-speed network communication for data logging and remote monitoring. #### D. Protection Circuitry * **Optoisolators:** Used on communication lines to prevent electrical surges from damaging the internal logic. * **Voltage Regulators:** Ensure stable 3.3V or 5V internal power despite fluctuations in the industrial 24V supply. --- ### 3. Usage Context This part is often used as a **Replacement Display** or an **OEM Integration Component** in environments such as: 1. **CNC Machinery:** For operator input and status monitoring. 2. **Automotive Assembly:** Interfacing with robotic arms. 3. **Food & Beverage:** IP-rated front panels for wash-down environments. ---
    ✨ Follow-up Questions
    • ⤷What are the specific pinout diagrams for the serial ports on the M3E51XPA-R?
    • ⤷ Is the M3E51XPA-R compatible with GP-Pro EX software?
    • ⤷ What is the NEMA or IP rating for this specific hardware model?