M3E55ZQG-R
AI

The part number **M3E55ZQG-R** refers to a high-performance **Synchronous Dynamic Random-Access Memory (SDRAM)** module, specifically a **LPDDR4X** (Low Power Double Data Rate 4X) component often manufactured by major semiconductor companies like Micron.
These components are critical in mobile devices, automotive systems, and edge computing due to their high bandwidth and low power consumption.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | LPDDR4X |
| **Density** | Typically 32Gb (4GB) to 64Gb (8GB) per die |
| **Speed / Data Rate** | Up to 4266 Mbps |
| **Voltage (VDD1)** | 1.8V |
| **Voltage (VDDQ)** | 0.6V (Ultra-low voltage for I/O) |
| **Interface** | LVSTL (Low Voltage Swing Terminated Logic) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Operating Temp** | Industrial Grade (-40°C to +85/95°C) |
---
### 2. Core Features
* **LPDDR4X Architecture:** Unlike standard LPDDR4, the "X" variant reduces the I/O supply voltage (VDDQ) from 1.1V to 0.6V. This results in an approximately **10-20% power savings** without sacrificing clock speed.
* **Dual-Channel Architecture:** The chip is usually organized into two independent 16-bit channels (x16 + x16) to provide a total 32-bit data width, maximizing throughput.
* **On-Die Termination (ODT):** Improves signal integrity at high frequencies by reducing reflections on the data lines.
* **Programmable Latencies:** Allows the system to tune CAS (Column Address Strobe) latency for optimal performance vs. power trade-offs.
---
### 3. Electronic Design Considerations
When integrating this part into a PCB design, engineers must focus on:
#### Signal Integrity
* **Impedance Matching:** The 0.6V VDDQ requires very tight impedance control (usually 40-50 ohms) to prevent data corruption at 4266 Mbps.
* **Length Matching:** Trace lengths between the SoC (System on Chip) and the memory must be matched within very small tolerances (mils) to avoid timing skew.
#### Power Delivery Network (PDN)
* **Decoupling:** Multiple ceramic capacitors (0.1uF, 1uF) must be placed directly under or adjacent to the BGA balls to handle rapid current spikes during burst reads/writes.
* **Voltage Rails:** The 0.6V rail is highly sensitive to noise; it requires a dedicated low-dropout regulator (LDO) or a high-efficiency buck converter.
---
### 4. Common Applications
* **Automotive Infotainment:** Handling high-resolution displays and navigation.
* **Edge AI:** Providing the bandwidth necessary for real-time image processing.
* **High-End IoT:** Used in gateways that require significant buffering for data transmission.
- ⤷
What are the specific pinout differences between LPDDR4 and LPDDR4X?
- ⤷ How does the 0.6V VDDQ contribute to power efficiency in M3E55ZQG-R?
- ⤷ What are the thermal management requirements for this FBGA package?