M3E58XPX-R
AI

The **M3E58XPX-R** is a specific part number typically associated with high-performance **brushless DC (BLDC) motors** manufactured by **Moog (formerly Buehler Motor)**. These motors are engineered for precision, durability, and integration into complex industrial or automotive systems.
Below is a breakdown of the electronic and physical characteristics of this component.
---
### 1. Technical Specifications
The "M3E" series generally refers to high-efficiency motors designed for 12V to 24V DC systems.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Motor Type** | Brushless DC (BLDC) |
| **Voltage Range** | 12V - 24V DC |
| **Commutation** | Electronic (requires an external or integrated controller) |
| **Housing Material** | Zinc-plated steel or Aluminum |
| **Bearing Type** | Dual Ball Bearings (for high radial loads) |
| **Protection Class** | IP40 - IP54 (depending on sealing) |
---
### 2. Key Electronic Components
#### A. Internal Hall Effect Sensors
Unlike brushed motors, the M3E58XPX-R utilizes electronic commutation. This is achieved via **Hall Effect Sensors** embedded in the motor housing.
* **Function:** They detect the position of the rotor's permanent magnets.
* **Output:** They send feedback to the Motor Driver to ensure the stator coils are energized in the correct sequence.
#### B. The Stator and Winding
The stator consists of high-quality copper windings.
* **Phase Configuration:** Usually 3-phase (U, V, W).
* **Efficiency:** Because there are no brushes to create friction or arcing, the electronic energy conversion efficiency is significantly higher (often >85%).
#### C. Integrated Connection (R-Suffix)
The "-R" suffix in Moog/Buehler nomenclature often refers to a specific **Connector or Rear-exit wiring** configuration.
* **EMI/EMC Suppression:** These motors often include internal capacitors or ferrite beads to prevent electromagnetic interference with other sensitive electronics nearby.
---
### 3. Usage and Control Requirements
To operate this part, you cannot simply connect it to a battery. It requires a **BLDC Controller (ESC)**.
```cpp
// Logic for controlling a BLDC via a Microcontroller (Conceptual)
void loop() {
int sensorValue = readHallSensors(); // Read feedback from M3E58XPX-R
updateStatorPhase(sensorValue); // Switch coils based on rotor position
adjustSpeed(PWM_Signal); // Pulse Width Modulation for RPM control
}
```
---
### 4. Common Applications
* **Automotive Actuators:** Turbocharger wastegate control or electronic water pumps.
* **Medical Equipment:** Precision pumps or scanning devices.
* **Industrial Automation:** Conveyor drives and robotic positioning.
- ⤷
What is the pinout diagram for the M3E58XPX-R connector?
- ⤷ Does this motor require a sensored or sensorless BLDC controller?
- ⤷ What is the maximum torque rating for this specific model?