Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3E58XQX-R

  • AI
    The **M3E58XQX-R** is a specific part number typically associated with high-performance memory modules, specifically **LPDDR5X** (Low Power Double Data Rate 5X) DRAM manufactured by **Samsung Electronics**. These components are designed for high-end mobile devices, AI accelerators, and ultra-thin laptops. --- ### 1. Key Technical Specifications Based on the naming convention and architectural standards for the M3 series of LPDDR5X, here are the primary electronic characteristics: | Feature | Specification (Typical) | | :--- | :--- | | **Memory Type** | LPDDR5X SDRAM | | **Data Rate** | Up to 8.5 Gbps (per pin) | | **Voltage (VDD1/VDD2/VDDQ)** | 1.8V / 1.05V / 0.5V (Ultra-low power) | | **Interface** | Low-Voltage Swing Terminated Logic (LVSTL) | | **Package** | FBGA (Fine-pitch Ball Grid Array) | | **Density** | Generally part of 16GB or 24GB multi-die packages | --- ### 2. Core Electronic Components & Architecture The internal structure of this electronic part consists of several critical sub-systems: #### A. Memory Cell Array The heart of the chip consists of billions of capacitors and transistors organized in a grid. LPDDR5X uses an advanced process node (likely 14nm or sub-10nm EUV) to fit higher density into a smaller footprint. #### B. Command/Address (CA) Bus Unlike standard DDR, LPDDR5X uses a reduced-pin CA bus to save power. It utilizes **Multi-Copy Clocking** and **WCK (Write Clock)** architecture to maintain data integrity at extremely high frequencies. #### C. Power Management Logic The "R" suffix often denotes specific revisions or eco-friendly (RoHS compliant) packaging. The internal circuitry includes: * **Deep Sleep Mode:** Reduces power consumption to microwatts when the device is idle. * **DVFS Support:** Dynamic Voltage and Frequency Scaling allows the chip to drop its speed and voltage based on the processor's demand. --- ### 3. High-Speed Signal Integrity Because the M3E58XQX-R operates at speeds exceeding 8,000 Mbps, it incorporates advanced signal processing parts: * **Decision Feedback Equalization (DFE):** Electronic filters that reduce noise and "inter-symbol interference" on the data lines. * **On-Die Termination (ODT):** Internal resistors that prevent signal reflection, ensuring a clean electronic pulse. --- ### 4. Implementation Example In a circuit design, this part is usually "PoP" (Package-on-Package) mounted directly on top of an Application Processor (like a Snapdragon or Exynos chip) or soldered directly to the PCB in high-speed traces. ```json { "part_category": "DRAM", "sub_type": "LPDDR5X", "manufacturer": "Samsung", "application": "Mobile/AI/Automotive" } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference in power consumption between LPDDR5 and LPDDR5X?
    • ⤷ How does the FBGA packaging affect thermal management in this part?
    • ⤷ What are the common pinout configurations for Samsung M3 series memory?