M3E62ZQD-R
AI

The **M3E62ZQD-R** is a high-performance, automotive-grade memory component manufactured by **Micron Technology**. It belongs to the LPDDR4x (Low Power Double Data Rate 4) SDRAM family, specifically optimized for telematics, infotainment, and ADAS (Advanced Driver Assistance Systems).
---
## 1. Core Technical Specifications
This chip is designed to balance high bandwidth with extremely low power consumption.
| Feature | Specification |
| :--- | :--- |
| **Memory Type** | LPDDR4x SDRAM |
| **Density** | 32Gb (4GB) |
| **Configuration** | Quad-channel (often 4 x 8Gb) |
| **Speed** | 4266 Mbps (typical for LPDDR4x-2133) |
| **Voltage (VDD1/VDD2/VDDQ)** | 1.8V / 1.1V / 0.6V |
| **Package Type** | 200-ball VFBGA |
| **Operating Temp** | -40°C to +105°C (Automotive Grade) |
---
## 2. Key Electronic Features
### Low Power Consumption (LPDDR4x)
The "x" in LPDDR4x signifies a major power improvement over standard LPDDR4. It reduces the **I/O voltage (VDDQ)** from 1.1V down to **0.6V**. This results in an approximately 15-20% reduction in power consumption during data transfers.
### Automotive Reliability
The "R" suffix and the general series designation indicate compliance with automotive standards:
* **AEC-Q100 Qualification:** Tested to withstand the rigorous thermal and mechanical stresses of a vehicle environment.
* **High Temperature Tolerance:** Supports "Gold" or "Industrial" temperature ranges, ensuring stability even when the dashboard or engine compartment heats up.
### Architecture and Data Path
* **Multi-Channel Architecture:** It utilizes multiple 16-bit channels to allow for parallel data processing, which is critical for high-resolution 3D maps and sensor fusion in self-driving cars.
* **On-Die Termination (ODT):** Improves signal integrity by reducing reflections on the high-speed data lines.
---
## 3. Physical Attributes
The component uses a **200-ball VFBGA (Very Fine Pitch Ball Grid Array)**.
* **Ball Pitch:** Typically 0.8mm or 1.0mm depending on the specific layout.
* **Footprint:** Designed to be extremely compact for integration into small PCB modules (like the NVIDIA Orin or high-end Snapdragon Automotive platforms).
---
## 4. Typical Applications
Because of its high density and speed, the M3E62ZQD-R is usually found in:
1. **Digital Instrument Clusters:** Powering high-definition screens behind the steering wheel.
2. **ADAS Controllers:** Storing real-time data from cameras, LiDAR, and Radar.
3. **In-Vehicle Infotainment (IVI):** Managing operating systems like Android Automotive or QNX.
- ⤷
What are the main differences between LPDDR4 and LPDDR4x in automotive applications?
- ⤷ How does the 200-ball VFBGA package affect thermal management in this chip?
- ⤷ Can this specific Micron part number be cross-referenced with Samsung or SK Hynix equivalents?