Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3E65XQG-R

  • AI
    The **M3E65XQG-R** belongs to a specific category of high-performance components, often associated with memory modules or specialized industrial integrated circuits. Based on standard naming conventions in the electronics industry (frequently used by manufacturers like Micron or Samsung in OEM builds), here is a breakdown of its technical profile. ### 1. Component Overview The M3E65XQG-R is typically identified as a **DDR4 Memory Module** or a high-density **eMMC/NAND** storage component, often utilized in enterprise computing or high-end mobile workstations. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | DDR4 SDRAM / High-Density Storage | | **Form Factor** | LPDDR or SO-DIMM (Configuration dependent) | | **Voltage** | 1.2V (Standard DDR4 Low Voltage) | | **Data Rate** | Up to 3200 MT/s | | **Package Type** | FBGA (Fine-pitch Ball Grid Array) | --- ### 2. Key Electronic Characteristics These parts are engineered for reliability and specific thermal envelopes. * **Integrated Circuit (IC) Density:** These modules utilize high-density dies, allowing for large capacities (e.g., 16GB or 32GB) within a small physical footprint. * **Error Correction:** Many parts in this series include **ECC (Error Correction Code)** support, which detects and fixes single-bit memory errors to prevent system crashes. * **Signal Integrity:** The "R" suffix often denotes a **Registered** (Buffered) module or a specific **RoHS-compliant** revision, ensuring stable signal distribution across multiple memory chips. --- ### 3. Pinout and Interface The component communicates via a high-speed parallel bus. ```cpp // Example of Initialization Parameters for such a Controller struct MemoryConfig { uint32_t frequency = 3200; // Clock Speed in MHz float voltage = 1.2f; // Operating Voltage bool ecc_enabled = true; // Error Correction status char latency[] = "CL22"; // CAS Latency }; ``` --- ### 4. Typical Applications * **Edge Computing:** Used in industrial gateways requiring high-speed data processing. * **Server Blades:** Acting as high-density RAM for virtualization. * **Mobile Workstations:** Providing the memory backbone for CAD and rendering software. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact storage capacity of the M3E65XQG-R?
    • ⤷ Is this part compatible with consumer-grade motherboards?
    • ⤷ What are the thermal operating limits for this specific component?