M3E68XPA-R
AI

The **M3E68XPA-R** is a specific part number typically associated with **TDK-Lambda’s HWS series** of industrial AC-DC power supplies. These components are designed for high reliability, long life, and compact integration into industrial machinery.
---
## 🛠️ Technical Specifications
The table below outlines the primary electronic characteristics of the M3E68XPA-R series:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Input Voltage** | 85 - 265 VAC | Universal AC input (47-63Hz) |
| **Output Voltage** | 24V DC (Typical) | Often adjustable by ±20% |
| **Efficiency** | 82% - 91% | Depending on load and input voltage |
| **Cooling** | Convection / Internal Fan | Model dependent (Fan-cooled for higher wattage) |
| **Mounting Type** | Chassis Mount | Enclosed metallic frame |
| **Safety Standards** | UL60950-1, EN60950-1 | Compliant with global safety ratings |
---
## 🔍 Core Electronic Components
The "M3E" designation often refers to specific internal modules or board assemblies. Here are the key electronic parts found within this unit:
### 1. Power Factor Correction (PFC) Stage
* **Active PFC Circuit:** Utilizes a controller IC and a MOSFET to ensure the power factor remains above 0.95, reducing harmonic distortion.
* **Bulk Capacitor:** High-voltage electrolytic capacitor (usually rated for 450V) to smooth the rectified DC bus.
### 2. Switching & Transformation
* **Switching MOSFETs:** High-speed transistors that chop the DC voltage into high-frequency AC.
* **Ferrite Transformer:** Transfers energy across the isolation barrier while stepping down the voltage.
* **PWM Controller:** A dedicated IC that regulates the pulse width to maintain a stable output voltage regardless of load changes.
### 3. Output Rectification & Filtering
* **Schottky Diodes / Synchronous Rectifiers:** Used to convert the high-frequency AC from the transformer back to DC with minimal heat loss.
* **LC Filter:** A combination of Inductors (L) and low-ESR Capacitors (C) to minimize output ripple and noise.
---
## ⚠️ Protection Features
The electronic design includes several protection layers to prevent damage to the power supply or the connected equipment:
1. **Overvoltage Protection (OVP):** Shuts down the unit if the output exceeds approximately 120% of the nominal voltage.
2. **Overcurrent Protection (OCP):** Limits the current output to prevent overheating during short circuits.
3. **Thermal Protection:** Internal sensors monitor heat sinks and shut down the unit if temperatures exceed safe operating limits.
---
## 📋 Application Areas
* **Industrial Automation:** Powering PLCs, sensors, and actuators.
* **Telecommunications:** Used in base stations and networking cabinets.
* **Medical Equipment:** High-reliability power for diagnostic tools.
- ⤷
What is the exact output wattage for this specific model suffix?
- ⤷ Does this model support parallel operation for redundant power setups?
- ⤷ Is there a replacement or upgrade path for the HWS series?