AI

The **M3E72XQX-R** is a specific technical part number primarily associated with **Innodisk's DDR3 SDRAM** memory modules. These components are designed for industrial and embedded computing environments where reliability and stability are paramount.
---
### 1. Technical Specifications Breakdown
The part number follows a specific nomenclature. Below are the core technical attributes for this electronic component:
| Feature | Specification |
| :--- | :--- |
| **Technology** | DDR3 SDRAM |
| **Form Factor** | SODIMM (Small Outline Dual In-line Memory Module) |
| **Capacity** | 2GB / 4GB (Depends on sub-revision) |
| **Data Rate** | 1600 MT/s (PC3-12800) |
| **Voltage** | 1.5V (Standard) or 1.35V (Low Voltage / DDR3L) |
| **Error Correction** | Non-ECC / Unbuffered |
| **Temperature Range** | Industrial Grade (-40°C to +85°C) |
---
### 2. Key Electronic Components
The module is comprised of several critical electronic sub-parts:
1. **DRAM Integrated Circuits (ICs):** The silicon chips that store the data. These are usually high-quality chips from Tier-1 manufacturers like Samsung, Micron, or SK Hynix, screened for industrial use.
2. **SPD EEPROM:** A small "Serial Presence Detect" chip that stores the module's timing, voltage, and manufacturer information, allowing the BIOS/UEFI to configure the system automatically.
3. **Passive Components:** Surface-mount resistors and capacitors used for signal termination and power decoupling to reduce electrical noise (EMI).
4. **PCB (Printed Circuit Board):** A multi-layer (typically 8-layer) board with gold-plated contacts (fingers) to ensure corrosion resistance and high conductivity.
---
### 3. Industrial Features
Unlike standard consumer RAM, the **-R** designation and the **M3E** series often include industrial-specific enhancements:
* **Thermal Sensor:** Integrated sensor to monitor memory temperature in real-time.
* **Anti-Sulfuration:** Protection against sulfur-rich environments which can corrode silver alloys in electronic components.
* **Gold Finger Plating:** 30μ” gold plating (thicker than consumer grade) to prevent oxidation during repeated insertions or high-vibration use.
---
### 4. Typical Applications
* **Industrial Automation:** PLCs and industrial PCs.
* **Networking:** Routers, switches, and firewall appliances.
* **Embedded Systems:** Digital signage, kiosks, and medical imaging equipment.
* **Transportation:** In-vehicle computers and ruggedized tablets.
- ⤷What is the difference between DDR3 and DDR3L in this specific module?
- ⤷ How does the 'Anti-Sulfuration' feature work in industrial RAM?
- ⤷ What are the compatible chipsets for the M3E72XQX-R?