M3E73ZQG-R
AI

The part number **M3E73ZQG-R** refers to a high-performance **DRAM (Dynamic Random Access Memory)** module, specifically a **LPDDR5 (Low Power Double Data Rate 5)** memory chip manufactured by **SK hynix**.
Below is a detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | SK hynix |
| **Memory Type** | LPDDR5 SDRAM |
| **Density** | Typically 16Gb (2GB) or 32Gb (4GB) per die |
| **Data Rate** | Up to 6400 Mbps |
| **Voltage (VDD1/VDD2H/VDD2L)** | 1.8V / 1.05V / 0.9V |
| **Configuration** | x32 or x64 (depending on package stacking) |
| **Operating Temperature** | -25°C to +85°C (Standard) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
---
### 2. Key Architectural Features
The "M3E" series represents SK hynix's transition into high-density, high-speed mobile memory solutions. Key electronic components of this chip include:
* **Bank Grouping:** Unlike older LPDDR4x, LPDDR5 uses a Bank Group architecture to increase bandwidth efficiency.
* **WCK (Write Clock):** It utilizes a free-running differential clocking system to achieve high-speed data transfers without excessive power consumption.
* **ECC (Error Correction Code):** Features "On-die ECC" which detects and corrects single-bit errors within the memory array, significantly improving reliability for mobile and automotive applications.
* **Power Management:** Includes **Deep Sleep Mode** and **DVFS (Dynamic Voltage and Frequency Scaling)** to reduce power consumption by up to 30% compared to previous generations.
---
### 3. Application Use Cases
Due to its high speed and low power profile, the M3E73ZQG-R is primarily found in:
1. **Flagship Smartphones:** Supporting 5G speeds and AI processing.
2. **Ultra-thin Laptops:** Used as soldered-down memory (LPDDR).
3. **Automotive Systems:** ADAS (Advanced Driver Assistance Systems) and high-resolution cockpit displays.
4. **Edge AI Devices:** Where high-speed data throughput is required for machine learning inference.
---
### 4. Part Number Decoding (Typical SK hynix Logic)
| Prefix/Code | Meaning |
| :--- | :--- |
| **M** | Memory |
| **3** | LPDDR5 Category |
| **E73** | Density and Die revision code |
| **ZQG** | Package type and Speed grade (6400Mbps) |
| **-R** | Lead-free/Halogen-free (RoHS compliant) and Packing Type |
- ⤷
What are the pinout differences between LPDDR5 and LPDDR4x?
- ⤷ How does the WCK clocking mechanism improve power efficiency in this chip?
- ⤷ Is there a specific datasheet available for the E73 revision of SK hynix chips?