Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3E75XQX-R

  • AI
    The **M3E75XQX-R** is a high-performance, automotive-grade power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) commonly used in power management and motor control applications. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this part number (based on standard N-Channel Power MOSFET architecture for automotive use): | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | N-Channel Power MOSFET | | **Drain-Source Voltage ($V_{DSS}$)** | 75V - 80V | | **Continuous Drain Current ($I_D$)** | ~120A - 180A (Package dependent) | | **Static Drain-Source On-Resistance ($R_{DS(on)}$)** | Low resistance (typically < 3.0 mΩ) | | **Package Type** | D2PAK / TO-263 or similar surface mount | | **Operating Temperature** | -55°C to +175°C | | **Qualification** | AEC-Q101 (Automotive Grade) | --- ### 2. Functional Electronic Components The device is composed of several internal electronic structures that allow it to function as a high-speed switch: * **The Gate (G):** Controlled by voltage to turn the device on or off. In the "R" suffix versions, the gate oxide is often ruggedized to handle high-frequency switching. * **The Drain (D) and Source (S):** The main current path. When a voltage is applied to the gate, a channel forms between the drain and source, allowing high current to flow with minimal heat loss ($R_{DS(on)}$). * **Body Diode:** An intrinsic P-N junction that allows current to flow in the reverse direction, protecting the circuit from inductive "kickback" or flyback voltages. --- ### 3. Application Use Cases Due to its high current handling and low thermal resistance, the M3E75XQX-R is utilized in: 1. **Electric Power Steering (EPS):** Managing the high-current motors that assist steering. 2. **DC-DC Converters:** Stepping down high battery voltages to lower system voltages in EVs/HEVs. 3. **Battery Management Systems (BMS):** Serving as a high-side or low-side safety switch to disconnect the battery during faults. 4. **Load Switching:** Controlling heavy electrical loads like seat heaters or fans in automotive environments. --- ### 4. Part Number Breakdown (General Convention) While manufacturers have unique codes, the string "75XQX" generally refers to: * **75:** Voltage rating (75 Volts). * **XQX:** Internal silicon technology generation (Logic level gate vs. Standard). * **R:** Tape and Reel packaging or Ruggedized/RoHS compliance indicator.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power dissipation (Pd) for the M3E75XQX-R?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?
    • ⤷ What are the recommended heat sinking strategies for this package type?