M3EH24XPD-R
AI

The **M3EH24XPD-R** is a specific high-performance **Step-Servo Motor** (Integrated Stepper Motor and Driver) manufactured by **Leadshine**. It belongs to the M3 series, which utilizes 3-phase brushless technology combined with closed-loop control.
---
### 1. Core Technical Specifications
The following table highlights the primary electronic and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Integrated 3-Phase Step-Servo |
| **Input Voltage** | 24 - 50 VDC |
| **Holding Torque** | 2.4 N.m (Newton-meters) |
| **Encoder Resolution** | 1000 lines (4000 PPR) |
| **Frame Size** | NEMA 24 (60mm) |
| **Communication** | Pulse / Direction (PUL/DIR) |
| **Control Mode** | Closed-loop (No loss of steps) |
---
### 2. Key Electronic Components & Features
The "Integrated" nature of the M3EH24XPD-R means several electronic modules are housed in a single casing:
#### A. Integrated Digital Driver
Unlike traditional steppers that require a separate drive box, the electronics are mounted to the back of the motor.
* **Vector Control:** It uses 32-bit DSP (Digital Signal Processing) to apply field-oriented control (FOC).
* **Current Regulation:** Automatically adjusts current based on the actual load, which reduces motor heating and energy consumption.
#### B. High-Resolution Encoder
The "Closed-loop" functionality is driven by a built-in optical or magnetic encoder.
* **Feedback Loop:** The driver constantly compares the target position with the actual position provided by the encoder.
* **Error Correction:** If a position deviation occurs (due to sudden load changes), the electronics compensate instantly, eliminating the "lost steps" common in open-loop steppers.
#### C. 3-Phase Motor Technology
The motor itself is a 3-phase design rather than the standard 2-phase.
* **Smoothness:** 3-phase motors generally offer lower torque ripple and quieter operation.
* **High Speed:** They maintain higher torque at higher RPMs compared to 2-phase equivalents.
---
### 3. Wiring and Interface
The unit typically features several connection points for electronic integration:
1. **Power Ports:** VDC and GND (typically 24-50V).
2. **Signal Ports:**
* **PUL+/PUL-:** Pulse signal for speed/distance.
* **DIR+/DIR-:** Direction signal.
* **ENA+/ENA-:** Enable/Disable signal.
3. **Output Signals:**
* **Fault Output:** An electronic signal (OC output) that triggers if the motor stalls or encounters an over-voltage/over-current state.
* **In-Position Output:** Signals the controller when the motor has reached the target position.
---
### 4. Part Number Breakdown (M3EH24XPD-R)
* **M3:** Leadshine 3-Phase Series.
* **EH:** High-torque motor series.
* **24:** 2.4 N.m Holding Torque.
* **X:** Frame size/Configuration code.
* **PD:** Integrated Driver with Pulse/Direction control.
* **-R:** Specific revision or custom manufacturing code.
- ⤷
What are the main advantages of using a 3-phase closed-loop motor over a standard 2-phase stepper?
- ⤷ Can this motor be programmed via software or is it hardware-tuned only?
- ⤷ What are the recommended power supply requirements for the M3EH24XPD-R?