Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3EH24ZPX-R

  • AI
    The **M3EH24ZPX-R** is a specific model within the category of **DC Axial Fans**, typically manufactured by **Nidec Copal Electronics** (or associated brands like Nidec Servo). This specific part number follows a modular nomenclature common in high-performance cooling solutions. --- ## Technical Specifications Based on the standard part numbering for this series, here are the core electronic and mechanical specifications: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 24V DC | Designed for standard industrial control power. | | **Current / Power** | ~0.10A - 0.20A | Low power consumption for continuous operation. | | **Bearing Type** | Ball Bearing | High durability and long life (typically >50,000 hours). | | **Termination** | Wire Leads | Standard Red (+) and Black (-) power wires. | | **Size** | ~60mm x 60mm | Common compact footprint for electronics enclosures. | | **Speed Control** | Pulse Sensor (Z) | Includes a tachometer/frequency generator output. | --- ## Electronic Components & Features ### 1. Brushless DC (BLDC) Motor The "M3" designation refers to the motor architecture. It uses a permanent magnet rotor and an electronically commutated stator. Unlike brushed motors, this reduces EMI (Electromagnetic Interference) and eliminates brush wear. ### 2. Sensor Output (The "Z" Suffix) The **Z** in the part number indicates a specific electronic feedback feature: * **Pulse Sensor (Tachometer):** The fan provides a third wire (usually yellow or white) that outputs a square wave signal. The frequency of this signal is proportional to the RPM, allowing a motherboard or PLC to monitor if the fan has slowed down or failed. ### 3. Integrated Protection Circuitry The internal PCB (Printed Circuit Board) typically includes: * **Reverse Polarity Protection:** Prevents damage if the + and - wires are accidentally swapped. * **Locked Rotor Protection:** If the fan blades are obstructed, the controller limits the current to prevent the motor coils from burning out. * **Auto-Restart:** Once an obstruction is removed, the electronics automatically attempt to restart the fan. ### 4. Environmental Resistance (The "PX" Suffix) The **PX** designation often refers to specialized environmental protections, such as: * **Enhanced Humidity Resistance:** Coatings on the internal PCB to prevent corrosion. * **Dust Resistance:** Improved sealing around the bearing and electronics housing. --- ## Applications Due to its 24V rating and sensor output, this part is commonly found in: * **Industrial Power Supplies:** Cooling high-wattage converters. * **Medical Equipment:** Reliable cooling for diagnostic machines. * **Telecommunications:** Cooling for rack-mounted servers and switches.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the three-wire version of this fan?
    • ⤷ Can this fan be speed-controlled via PWM signal?
    • ⤷ What is the specific CFM rating for the M3EH series?