AI

The **M3EH28XPA-R** is a high-reliability, radiation-hardened (Rad-Hard) DC-DC converter module typically manufactured by **Crane Aerospace & Electronics (Interpoint)**. These modules are specifically designed for space applications, satellites, and high-altitude aerospace systems.
---
### 1. General Specifications
The part belongs to the **M3EH Series**, which is characterized by its triple output configuration and high power density.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V to 50V DC (28V Nominal) |
| **Output Power** | Up to 15 Watts (Total) |
| **Number of Outputs** | Triple (3) |
| **Operating Temperature** | -55°C to +125°C |
| **Efficiency** | ~75% to 80% (Typical) |
| **Package Type** | Hermetically sealed metal case |
---
### 2. Breakdown of the Part Number
The alphanumeric code provides specific details regarding the configuration and screening level of the component:
* **M3EH**: Series identifier (Triple output, high-reliability series).
* **28**: Nominal input voltage (28 Volts).
* **X**: Standard placeholder for output voltage configuration.
* **PA**: Specific output voltage combination (typically +5V and ±12V or ±15V depending on the exact datasheet mapping).
* **-R**: Radiation Hardness Assurance (RHA) level. This indicates the component is tested for Total Ionizing Dose (TID), often up to 100 krad(Si).
---
### 3. Key Electronic Characteristics
#### A. Power Management & Regulation
* **Galvanic Isolation:** Provides magnetic isolation between the input and output stages to prevent ground loops and protect sensitive loads.
* **Fault Protection:** Includes integrated features such as over-current protection (short-circuit protection) and under-voltage lockout (UVLO).
* **Inhibit Function:** Allows the converter to be turned on or off via a logic signal to conserve system power.
#### B. Radiation Hardness
Unlike commercial converters, the "R" suffix indicates that the internal semiconductors and circuitry are designed to survive:
* **TID (Total Ionizing Dose):** Degradation over long-term exposure to radiation.
* **SEE (Single Event Effects):** Resistance to sudden malfunctions caused by heavy ions or protons (Latch-up, Burnout).
#### C. EMI Filtering
While the module has internal filtering, it is often paired with an external EMI filter (like the SFME series) to meet rigorous military standards such as **MIL-STD-461**.
---
### 4. Typical Application Circuit
The module is integrated into a system using a series of pins for input, output, and control:
```c
[Input Source 28V] ----> [EMI Filter] ----> [M3EH28XPA-R] ----> [Output 1: +5V Digital]
|
+-----> [Output 2: +15V Analog]
|
+-----> [Output 3: -15V Analog]
```
---
- ⤷
What are the exact output voltage levels for the 'PA' configuration?
- ⤷ Does this module require an external heat sink for 15W operation?
- ⤷ How does the -R radiation rating compare to the -P or -O ratings?