M3EH55XPD-R
AI

The **M3EH55XPD-R** is a specific part number typically associated with **embedded memory solutions**, specifically **eMMC (embedded MultiMediaCard)** modules. This part is commonly manufactured by Micron Technology.
Below is a breakdown of the electronic specifications and functional components of this part.
---
### 1. Key Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Component Type** | eMMC (embedded MultiMediaCard) |
| **Architecture** | NAND Flash + Integrated Controller |
| **Interface** | JEDEC eMMC 5.0 / 5.1 Standard |
| **Storage Capacity** | Typically 4GB to 16GB (Part-specific density) |
| **Voltage Supply** | Vcc (NAND): 2.7V - 3.6V / Vccq (I/O): 1.7V - 1.95V |
| **Package Type** | 153-ball FBGA (Fine-pitch Ball Grid Array) |
| **Bus Width** | 1-bit, 4-bit, or 8-bit |
---
### 2. Functional Electronic Blocks
The M3EH55XPD-R is not just a storage chip; it is a system-in-package (SiP) consisting of two main electronic parts:
#### A. NAND Flash Memory
This is the physical storage medium. It uses non-volatile cells (typically MLC or TLC) to retain data even when power is disconnected. In this specific series, the NAND is optimized for high-cycle endurance.
#### B. Integrated Controller
The controller manages the NAND flash, handling complex tasks that the host processor (CPU) doesn't have to perform. Key functions include:
* **Error Correction Code (ECC):** Detects and fixes data corruption.
* **Wear Leveling:** Ensures memory cells are used evenly to extend the chip's lifespan.
* **Bad Block Management:** Identifies and bypasses manufacturing or age-related defects in the flash.
* **Address Mapping:** Converts logical addresses from the host into physical locations on the NAND.
---
### 3. Application Use Cases
Because of its small footprint (FBGA153) and integrated controller, the M3EH55XPD-R is found in:
* **Embedded Systems:** Industrial PCs and IoT gateways.
* **Consumer Electronics:** Smart TVs, set-top boxes, and tablets.
* **Automotive:** Infotainment systems and dashboard displays (depending on temperature rating).
---
### 4. Hardware Pinout Overview
As a 153-ball BGA device, the physical layout includes:
* **DAT[0-7]:** Data lines for 8-bit parallel communication.
* **CMD:** Command line for host-to-device instructions.
* **CLK:** Clock signal for synchronization.
* **RST_n:** Hardware reset pin.
- ⤷
What is the exact storage capacity of the M3EH55XPD-R variant?
- ⤷ Which JEDEC eMMC version does this specific part adhere to?
- ⤷ What are the soldering requirements for the FBGA153 package?