Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3EH55XPX-R

  • AI
    The **M3EH55XPX-R** is a specific part number typically associated with **NMB-MAT (MinebeaMitsumi)**, specifically within their high-performance cooling fan series. This model is a Brushless DC (BLDC) motor fan designed for industrial and server applications. --- ### 1. Technical Specifications The part number can be decoded to understand its electronic capabilities. Below are the typical specifications for this series: | Parameter | Description | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 12V DC (Standard for M3 series) | | **Bearing Type** | Dual Ball Bearing (Indicated by "B" or "H" logic) | | **Protection** | Polarity Protection & Locked Rotor Protection | | **Termination** | Lead wires (typically 3-wire or 4-wire for PWM) | --- ### 2. Key Electronic Components Inside the M3EH55XPX-R, several electronic subsystems manage the rotation and safety of the unit: #### A. The Driver IC The heart of the fan is an integrated circuit (IC) that handles the **Commutation**. Since it is a brushless motor, the IC uses sensors (usually Hall Effect sensors) to detect the position of the rotor and switch the current between the stator coils accordingly. #### B. PWM Control (Pulse Width Modulation) The "XPX" designation often implies advanced control features: * **Speed Control:** Allows the system to vary the RPM based on temperature requirements. * **Tachometer Output:** A "Frequency Generator" (FG) signal that sends a pulse to the motherboard to monitor the fan's actual speed. #### C. Protection Circuitry * **Auto-Restart:** If the fan is physically obstructed, the electronics detect the stall and cut power momentarily to prevent the coils from burning out, attempting to restart periodically. * **Reverse Polarity Protection:** A diode-based circuit ensures that if the positive and negative wires are swapped, the internal PCB is not destroyed. --- ### 3. Mechanical and Material Parts The electronic performance is supported by the physical housing: * **Frame & Impeller:** Usually made of UL94V-0 reinforced plastic. * **Dual Ball Bearings:** Provides a high MTBF (Mean Time Between Failure), often rated for over 50,000 to 70,000 hours of continuous use at 40°C. --- ### 4. Typical Applications Due to its high static pressure and reliability, this part is used in: 1. **Server Chassis:** High-density 1U/2U racks. 2. **Power Supplies:** Industrial grade AC/DC converters. 3. **Telecommunications:** Cooling for base stations and routers.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the M3EH55XPX-R connector?
    • ⤷ Does this model support PWM speed control or only fixed voltage?
    • ⤷ What is the maximum CFM (Airflow) rating for this specific NMB fan?