M3EH66XPX-R
AI

The **M3EH66XPX-R** is a specific part number typically associated with **NMB-MAT (MinebeaMitsumi)**, specifically within their line of high-performance AC or DC axial fans/motors. These components are designed for industrial applications requiring high reliability and thermal management.
---
### 1. Component Overview
This part is an integrated electromechanical assembly. Below are the primary electronic and mechanical characteristics:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Axial Fan / Motor Assembly |
| **Manufacturer** | NMB-MAT (MinebeaMitsumi) |
| **Drive System** | Brushless DC (BLDC) or AC Integrated Drive |
| **Bearing Type** | Precision Dual Ball Bearings (for long life) |
| **Housing Material** | Aluminum Die-Cast or PBT Thermoplastic |
---
### 2. Key Electronic Parts and Functions
The internal circuitry of the M3EH66XPX-R consists of several critical electronic sub-components:
#### A. The Stator and Winding
* **Function:** Creates the electromagnetic field.
* **Electronics:** Copper windings configured in a multi-pole arrangement. The quality of the insulation determines the voltage tolerance and thermal resistance.
#### B. Integrated Circuit (IC) Controller
* **Function:** Manages the commutation of the motor.
* **Details:** Since this is likely a brushless design, an internal IC monitors the position of the rotor (often using Hall Effect sensors) to switch the current through the windings at the precise moment.
#### C. Protection Circuitry
* **Auto-Restart:** Prevents the motor from burning out if the blades are physically blocked.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are connected incorrectly.
#### D. PWM (Pulse Width Modulation) Control
* **Function:** Allows for variable speed control.
* **Operation:** The "XPX" designation often refers to specific speed or control curves, allowing the system's motherboard to dictate RPM based on temperature.
---
### 3. Technical Specifications (General Range)
*Note: Specific values can vary slightly based on the exact production revision.*
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Voltage** | 12V / 24V / 48V (depending on sub-variant) |
| **Signal Output** | Tachometer (Frequency Generator) or Locked Rotor Alarm |
| **Termination** | Lead Wires or 3/4-Pin Connector |
| **Service Life** | ~50,000 to 100,000 Hours at 25°C |
---
### 4. Application Areas
The **M3EH66XPX-R** is commonly found in:
1. **Server Racks:** High-density cooling for data centers.
2. **Industrial Inverters:** Cooling power electronics in solar or motor drives.
3. **Medical Equipment:** Reliable ventilation for diagnostic machines.
---
- ⤷What is the specific pinout for the M3EH66XPX-R connector?
- ⤷ Does this model support PWM speed control or only fixed voltage?
- ⤷ What is the maximum CFM (Airflow) rating for this specific part?