Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3EH72XPA-R

  • AI
    The **M3EH72XPA-R** is a high-performance, industrial-grade TFT LCD display module, commonly utilized in specialized applications like marine navigation, medical imaging, or high-end industrial automation. It is characterized by its high resolution and robust electronic architecture. --- ### 1. Key Technical Specifications The following table highlights the core electronic and physical attributes of the module: | Component / Feature | Specification Details | | :--- | :--- | | **Panel Type** | TFT-LCD (Thin Film Transistor) | | **Resolution** | 1920 x 1080 (Full HD) | | **Interface** | LVDS (Low-Voltage Differential Signaling) | | **Display Mode** | Normally Black (IPS/MVA technology for wide viewing angles) | | **Backlight Type** | WLED (White Light Emitting Diode) | | **Surface Treatment** | Anti-glare / Hard coating (3H) | | **Input Voltage** | Typically 5.0V or 12.0V (Logic) | --- ### 2. Critical Electronic Components #### A. The LCD Controller (T-CON Board) The Timing Controller (T-CON) is the "brain" of the panel. It translates the incoming LVDS video signals into the specific row and column driver signals required by the liquid crystal matrix. * **Voltage Regulation:** Includes DC-DC converters to provide specific voltages (VGH, VGL, VDD) to the pixels. * **Signal Processing:** Manages color depth (usually 8-bit or 10-bit) and ensures frame synchronization. #### B. LED Driver Circuitry The "R" suffix often denotes specific revisions or integrated driver configurations. * **Backlight Inverter/Driver:** This module contains a constant current driver for the WLED string. * **Dimming Control:** Supports PWM (Pulse Width Modulation) or Analog dimming to adjust brightness levels based on ambient light sensors or user input. #### C. LVDS Interface This model utilizes **LVDS**, which is standard for high-resolution displays because: * **Noise Immunity:** Differential signaling reduces electromagnetic interference (EMI). * **Data Throughput:** Capable of handling the high bandwidth required for 1080p video at 60Hz. --- ### 3. Application Use-Cases Because of its high-grade electronic construction, the M3EH72XPA-R is typically found in: 1. **Marine Displays:** Resistant to extreme temperatures and high-vibration environments. 2. **Medical Monitors:** Precise color reproduction for diagnostic imaging. 3. **HMI Panels:** Industrial Human-Machine Interfaces requiring 24/7 operation. ---
    ✨ Follow-up Questions
    • ⤷What is the typical pin configuration for the LVDS connector on this model?
    • ⤷ Does the M3EH72XPA-R support high-brightness (sunlight readable) modes?
    • ⤷ What are the power consumption metrics for the backlight and logic boards separately?