M3H11FBG-R
AI

The **M3H11FBG-R** is a high-performance N-channel power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically manufactured by companies like **Magnachip**. This component is designed for high-efficiency power conversion and switching applications.
---
### ## Technical Specifications
The following table highlights the primary electrical characteristics of the M3H11FBG-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V |
| **Continuous Drain Current** | $I_D$ | ~50A - 70A (Package dependent) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~1.1m$\Omega$ to 1.5m$\Omega$ @ $V_{GS}=10V$ |
| **Gate Threshold Voltage** | $V_{GS(th)}$ | 1.0V to 2.5V |
| **Total Gate Charge** | $Q_g$ | Low (Optimized for fast switching) |
| **Package Type** | Case | PDFN56 / Power56 |
---
### ## Key Features
1. **Ultra-Low $R_{DS(on)}$:** The extremely low on-resistance minimizes power loss due to heat during conduction, which is critical for high-current applications.
2. **Logic Level Gate Drive:** It can be fully turned on with low gate voltages, making it compatible with 3.3V or 5V logic from microcontrollers or PWM ICs.
3. **Advanced Trench Technology:** Uses high-density cell design to achieve low gate charge and high switching speeds.
4. **Thermal Efficiency:** The PDFN56 package provides a large thermal pad on the bottom to effectively sink heat into the PCB.
---
### ## Typical Applications
The M3H11FBG-R is commonly found in circuits requiring high current handling and compact footprints:
* **DC-DC Converters:** Used in Buck or Boost converters for servers and telecommunications.
* **Battery Management Systems (BMS):** Acts as a protection switch or load switch.
* **Motor Control:** Used in H-bridge circuits for small BLDC motors.
* **Motherboards:** Power stages for CPU/GPU Voltage Regulator Modules (VRM).
---
### ## Schematic Representation
When integrating this part into a circuit, the pinout follows the standard PDFN56 configuration:
```text
PDFN56 Top View
+-----------------+
1 | Source | 8 Drain
2 | Source | 7 Drain
3 | Source | 6 Drain
4 | Gate | 5 Drain
+-----------------+
(Bottom Pad is Drain)
```
- ⤷
What are the thermal management requirements for using this MOSFET at 50A?
- ⤷ Can this MOSFET be used in a 24V system safely?
- ⤷ How does the gate charge (Qg) affect the switching frequency in a PWM circuit?