M3H12TAG-R
AI

The **M3H12TAG-R** is a high-performance, N-Channel enhancement mode Power MOSFET typically utilized in power management and switching applications. It is designed to handle high current loads while maintaining low thermal resistance and minimal power loss.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the M3H12TAG-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V - 40V (Series dependent) |
| **Continuous Drain Current** | $I_D$ | ~100A - 120A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 1.5 mΩ (at $V_{GS}$ = 10V) |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | - | PDFN5x6 / DFN5x6 |
| **Total Gate Charge** | $Q_g$ | Low (Optimized for fast switching) |
---
### 2. Physical and Structural Components
- **Package (PDFN5x6):** This is a surface-mount package designed for high-density layouts. It features a large thermal pad on the bottom to dissipate heat directly into the PCB copper.
- **N-Channel Logic:** As an N-channel MOSFET, it requires a positive gate voltage relative to the source to turn "ON."
- **Trench Technology:** Most "M3H" series parts utilize advanced trench gate designs to reduce the internal resistance ($R_{DS(on)}$), which minimizes heat generation during operation.
---
### 3. Application Areas
The M3H12TAG-R is commonly found in the following electronic circuits:
1. **DC-DC Converters:** Used in Buck or Boost converters for voltage regulation.
2. **Battery Protection:** Acting as a high-speed switch to disconnect battery packs in case of a fault.
3. **Motor Control:** Driving brushless DC (BLDC) motors in power tools or drones.
4. **Load Switching:** Managing power distribution in laptops and industrial computers.
---
### 4. Critical Design Considerations
* **Heat Dissipation:** Because it handles high currents (up to 120A peak), adequate PCB copper planes are required to act as a heatsink.
* **Gate Drive:** To ensure the lowest $R_{DS(on)}$, the gate should be driven with a stable 10V signal. Lower voltages (like 4.5V) may increase resistance and heat.
* **Flyback Protection:** In inductive loads (like motors), ensure external clamping or the use of the internal body diode to prevent voltage spikes from exceeding $V_{DSS}$.
- ⤷
What are the equivalent alternative parts for the M3H12TAG-R?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller GPIO?
- ⤷ What is the maximum operating temperature for this component?