M3H12TDD-R
AI

The **M3H12TDD-R** is a high-performance power semiconductor component, specifically a **Silicon Carbide (SiC) MOSFET**. These devices are designed to handle high voltages and high temperatures with significantly lower energy losses compared to traditional Silicon (Si) counterparts.
---
### 1. Key Technical Specifications
Below is a breakdown of the primary electrical characteristics typically associated with the M3H series SiC MOSFETs:
| Parameter | Typical Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 1200V | The maximum voltage the device can withstand. |
| **Continuous Drain Current ($I_D$)** | ~40A - 70A* | Maximum current handling capability (temperature dependent). |
| **On-Resistance ($R_{DS(on)}$)** | ~30mΩ - 80mΩ | Resistance when the device is "on"; lower is better for efficiency. |
| **Package Type** | TO-247-4L / TO-263 | Often utilizes a 4-pin package to reduce source inductance. |
| **Technology** | 3rd Gen SiC | Improvements in switching speed and thermal stability. |
*\*Specific current ratings depend on the exact sub-variant and thermal management.*
---
### 2. Core Electronic Features
* **Kelvin Source Connection:** Most "TDD" variants feature a 4-pin configuration (Kelvin Source). This separates the power path from the gate-drive path, significantly reducing the effect of lead inductance and allowing for faster, cleaner switching.
* **High Thermal Conductivity:** SiC material allows the device to operate at junction temperatures up to **175°C**, which is higher than standard silicon.
* **Low Switching Losses:** Because SiC MOSFETs have very low gate charge ($Q_g$) and no "tail current" (unlike IGBTs), they can operate at much higher frequencies (100kHz+).
---
### 3. Internal Schematic & Pinout
The device typically follows this structure:
1. **Drain:** Connected to the high-voltage supply.
2. **Gate:** Receives the PWM signal to turn the switch on/off.
3. **Source (Power):** The main current return path.
4. **Source (Driver/Kelvin):** A dedicated pin for the gate driver reference to ensure high-speed switching stability.
---
### 4. Common Applications
Due to its 1200V rating and high efficiency, the M3H12TDD-R is commonly found in:
* **Electric Vehicle (EV) On-board Chargers:** Converting AC grid power to DC battery power.
* **Solar Inverters:** Converting DC from solar panels to AC for the grid.
* **DC-DC Converters:** High-power industrial power supplies.
* **EV Charging Stations:** Fast-charging infrastructure (Level 3).
---
- ⤷
What are the advantages of using a 4-pin Kelvin Source package over a standard 3-pin package?
- ⤷ How does the switching frequency of this SiC MOSFET compare to a traditional Silicon IGBT?
- ⤷ What is the recommended gate drive voltage range for the M3H series?