M3H13FCG-R
AI

The **M3H13FCG-R** belongs to the **M3H Group** of the TXZ+™ Family Advanced Series, developed by Toshiba. It is a high-performance 32-bit microcontroller based on the ARM® Cortex®-M3 core, designed specifically for motor control and consumer electronics.
---
## Technical Specifications
| Parameter | Details |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Maximum Frequency** | 120 MHz |
| **Flash Memory** | 128 KB |
| **SRAM** | 16 KB |
| **Operating Voltage** | 2.7V to 5.5V |
| **Package** | LQFP100 (14mm x 14mm, 0.5mm pitch) |
| **Temperature Range** | -40°C to +85°C |
---
## Key Electronic Components & Subsystems
### 1. Processing Core
The heart of the chip is the **ARM Cortex-M3**. It is optimized for deterministic, real-time applications. It includes a nested vectored interrupt controller (NVIC) for low-latency interrupt handling, which is critical for motor feedback loops.
### 2. Motor Control Hardware (A-PMD)
The "Advanced Programmable Motor Driver" (A-PMD) is a specialized peripheral that allows for:
* **3-phase complementary PWM output.**
* Automatic dead-time insertion to prevent short circuits in power stages.
* Emergency stop synchronization via external hardware pins.
### 3. Precision Analog Blocks
To interface with the physical world, the M3H13FCG-R integrates:
* **12-bit ADC:** High-speed conversion (approx. 1.5 $\mu s$) to monitor current and voltage sensors.
* **Analog Voltage Monitor (LVD):** Monitors power supply stability to trigger resets if voltage drops below safe levels.
### 4. Communication Interfaces
The part includes standard digital communication blocks for system integration:
* **UART/SIO:** For serial debugging or simple sensor communication.
* **I2C:** For peripheral management.
* **TSPI:** High-speed serial peripheral interface.
---
## Application Use Cases
* **Consumer Appliances:** Washing machines, refrigerators, and air conditioners (specifically for inverter control).
* **Industrial Automation:** Small-scale motor drivers and PLC logic.
* **Smart Home:** Devices requiring low power consumption and high processing reliability.
- ⤷
What are the power consumption characteristics of the M3H series in sleep mode?
- ⤷ Does this microcontroller support hardware-based Field Oriented Control (FOC)?
- ⤷ What development tools or IDEs are compatible with the Toshiba TXZ+ family?