M3H15FBD-R
AI

The **M3H15FBD-R** is a high-performance **Silicon Carbide (SiC) MOSFET** manufactured by **ROHM Semiconductor**. It belongs to the 3rd Generation of ROHM’s SiC technology, specifically designed for high-efficiency power conversion in industrial and automotive applications.
---
## 1. Technical Specifications
Below are the key electrical characteristics of the M3H15FBD-R:
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | 650V | Maximum voltage the device can withstand. |
| **Continuous Drain Current ($I_D$)** | 30A - 93A* | Varies based on case temperature ($T_C$). |
| **On-Resistance ($R_{DS(on)}$)** | 15m$\Omega$ (Typ.) | Extremely low resistance for reduced conduction loss. |
| **Gate-Source Voltage ($V_{GSS}$)** | -4V to +21V | Recommended operating gate drive range. |
| **Package Type** | TO-247-4L | 4-pin package with a Kelvin Source terminal. |
| **Total Gate Charge ($Q_g$)** | ~66nC | Low charge allows for faster switching speeds. |
*\*Note: Specific current ratings depend on thermal management and $T_j$ (Junction Temperature).*
---
## 2. Key Features
The "M3" series incorporates several architectural improvements over traditional Silicon (Si) MOSFETs:
### A. Kelvin Source Terminal (The 4th Pin)
Unlike standard 3-pin TO-247 packages, the **TO-247-4L** features an additional source pin.
* **Purpose:** It separates the power path from the gate-drive path.
* **Benefit:** It reduces the impact of source inductance, significantly lowering switching losses and preventing gate oscillation at high frequencies.
### B. SiC Technology Advantages
* **High Thermal Conductivity:** SiC dissipates heat much better than Silicon.
* **Fast Switching:** Lower internal capacitance allows the device to turn on and off rapidly.
* **High Temperature Operation:** Capable of stable performance at junction temperatures up to 175°C.
---
## 3. Application Use Cases
This component is typically found in high-power density environments:
1. **Server Power Supplies (PSU):** For 80 PLUS Titanium/Platinum efficiency ratings.
2. **Solar Inverters:** Converting DC from panels to AC for the grid with minimal energy loss.
3. **EV Charging Stations:** DC-DC converters and onboard chargers (OBC).
4. **Uninterruptible Power Supplies (UPS):** Maintaining high efficiency during battery-to-load conversion.
---
## 4. Design Precautions
When integrating the M3H15FBD-R into a circuit, designers must consider:
* **Gate Drive Voltage:** To achieve the rated $15m\Omega$ resistance, a gate voltage ($V_{GS}$) of **18V** is typically required.
* **Dead Time:** Due to fast switching, dead-time settings in bridge circuits must be carefully tuned to prevent shoot-through.
* **Thermal Design:** While SiC is efficient, the small die size results in high heat density; an adequate heatsink or active cooling is essential.
- ⤷
What are the specific advantages of the TO-247-4L package over the standard TO-247-3L?
- ⤷ How does the M3H15FBD-R compare to a standard Silicon IGBT in terms of switching loss?
- ⤷ What are the recommended gate driver ICs for 3rd Gen ROHM SiC MOSFETs?