M3H15TAG-R
AI

The **M3H15TAG-R** is a high-performance power MOSFET manufactured by **Toshiba**. It is part of their U-MOS IX-H series, designed specifically for high-efficiency power conversion and motor control applications.
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the M3H15TAG-R:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30 | V |
| **Continuous Drain Current** | $I_D$ | 150 | A |
| **Drain-Source On-Resistance** | $R_{DS(ON)}$ | 0.85 (at $V_{GS}=10V$) | mΩ |
| **Gate Threshold Voltage** | $V_{th}$ | 1.1 to 2.1 | V |
| **Total Gate Charge** | $Q_g$ | 75 | nC |
| **Package Type** | --- | TSON Advance | --- |
---
### 2. Main Features
* **Ultra-Low On-Resistance ($R_{DS(ON)}$):** By utilizing the U-MOS IX-H process, the device minimizes conduction losses, which is critical for high-current applications.
* **High Speed Switching:** The optimized gate charge allows for faster switching frequencies, reducing switching losses and allowing for smaller peripheral components (like inductors).
* **TSON Advance Packaging:** This compact, surface-mount package offers excellent heat dissipation capabilities despite its small footprint ($3.3 \times 3.3$ mm).
* **Logic Level Drive:** It can be driven with a low gate-source voltage, making it compatible with many microcontrollers and logic circuits.
---
### 3. Common Applications
Due to its high current handling and efficiency, the M3H15TAG-R is typically found in:
1. **DC-DC Converters:** Used as a synchronous rectifier or switching element in power supplies for servers and telecommunications.
2. **Motor Drivers:** Ideal for BLDC (Brushless DC) motor control in cordless power tools or drones.
3. **Load Switches:** Used in battery management systems (BMS) to connect or disconnect high-current loads safely.
---
### 4. Comparison: N-Channel vs. P-Channel
The M3H15TAG-R is an **N-Channel** enhancement mode MOSFET. In power electronics, N-Channel MOSFETs are generally preferred over P-Channel types because:
* They have lower resistance for the same silicon area.
* They offer better thermal performance at high currents.
- ⤷
What are the thermal management requirements for the TSON Advance package?
- ⤷ How does the U-MOS IX-H technology differ from previous generations?
- ⤷ Can this MOSFET be used in automotive applications?