M3H15TCG-R
AI

The **M3H15TCG-R** is a high-performance power semiconductor component, specifically a **Silicon Carbide (SiC) MOSFET** manufactured by **ROHM Semiconductor**. It belongs to the 3rd Generation of SiC technology, designed to handle high voltages and high-frequency switching with minimal energy loss.
---
### 1. Key Technical Specifications
| Parameter | Value / Characteristic |
|:---|:---|
| **Component Type** | SiC MOSFET (N-Channel) |
| **Drain-Source Voltage ($V_{DSS}$)** | 650V |
| **Continuous Drain Current ($I_D$)** | ~15A to 30A (varies by temperature) |
| **On-State Resistance ($R_{DS(on)}$)** | Low Typ. (around 150mΩ range) |
| **Package Type** | TO-247 (Standard through-hole) |
| **Technology** | 3rd Gen Trench Gate Structure |
---
### 2. Core Electronic Features
#### A. Trench Gate Structure
Unlike conventional planar SiC MOSFETs, the M3H series utilizes a **Trench Gate** architecture. This reduces the cell pitch and lowers the specific on-resistance ($R_{DS(on)}$) per unit area, resulting in smaller chips with higher efficiency.
#### B. High-Speed Switching
SiC materials have a much higher critical breakdown field than standard Silicon. This allows the M3H15TCG-R to:
* Switch at much higher frequencies.
* Reduce the size of passive components (inductors and capacitors) in a circuit.
* Minimize switching losses (Lower $Q_g$ and $Q_{gd}$).
#### C. Thermal Performance
SiC has superior thermal conductivity. This part is designed to operate reliably at high junction temperatures (up to **175°C**), allowing for smaller heatsinks or higher power density in compact designs.
---
### 3. Circuit Application Areas
The M3H15TCG-R is typically found in power conversion stages where efficiency is critical:
1. **Server Power Supplies:** Used in PFC (Power Factor Correction) circuits to meet 80 PLUS Titanium efficiency standards.
2. **Solar Inverters:** Converts DC from panels to AC for the grid with minimal heat loss.
3. **EV Charging Stations:** High-voltage DC/DC converters for fast-charging infrastructure.
4. **Uninterruptible Power Supplies (UPS):** Ensuring high-efficiency energy transfer during power failures.
---
### 4. Implementation Considerations
* **Gate Driving:** To achieve optimal performance, it requires a gate drive voltage ($V_{GS}$) typically around **18V**. Using standard 10V or 15V logic may result in higher $R_{DS(on)}$.
* **Parasitic Inductance:** Due to the high switching speeds ($dV/dt$), PCB layout must minimize parasitic inductance to prevent voltage spikes and ringing.
- ⤷What are the specific advantages of Trench Gate over Planar SiC MOSFETs?
- ⤷ Which Gate Driver ICs are recommended for the ROHM M3H series?
- ⤷ What is the maximum operating temperature for the M3H15TCG-R?