M3H16TDG-R
AI

## M3H16TDG-R: Electronic Component Analysis
The **M3H16TDG-R** is an N-Channel enhancement mode Power MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor). These components are primarily used in high-speed power switching applications, DC-DC converters, and power management systems.
---
### 1. Key Technical Specifications
Based on typical data for this series (often manufactured by companies like **Magnachip**), the technical parameters are generally as follows:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 30 | V |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | V |
| **Continuous Drain Current** | $I_D$ | 60 - 80 | A |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~1.6 - 2.5 | mΩ |
| **Total Gate Charge** | $Q_g$ | ~35 - 50 | nC |
| **Package Type** | - | PDFN56 / DFN5x6 | - |
---
### 2. Functional Characteristics
The "Electronic Parts" within this device include the silicon die and the physical packaging architecture:
* **N-Channel Enhancement Mode:** The device is "normally off" and requires a positive gate voltage ($V_{GS}$) to create a conductive channel between the Drain and Source.
* **Low $R_{DS(on)}$:** The internal structure is optimized for very low resistance when fully turned on. This minimizes power dissipation (heat) during operation.
* **Schottky Diode Integration:** Some variants in this series include an integrated Schottky Diode (or a high-performance Body Diode) to improve reverse recovery characteristics and efficiency in synchronous rectification.
* **PDFN56 Package:** This is a surface-mount package designed for high thermal efficiency. The underside of the chip features a large thermal pad to dissipate heat directly into the PCB.
---
### 3. Pin Configuration
The M3H16TDG-R typically follows the standard DFN56/PDFN56 pinout:
1. **Pins 1, 2, 3:** Source ($S$)
2. **Pin 4:** Gate ($G$)
3. **Pins 5, 6, 7, 8 (Large Pad):** Drain ($D$)
---
### 4. Common Applications
* **Motherboards/VGA:** Used in Vcore power stages for CPUs and GPUs.
* **DC-DC Converters:** High-frequency buck converters.
* **Battery Management:** Protection circuits for Lithium-ion packs due to high current handling.
* **Motor Control:** Driving small to medium DC motors.
---
- ⤷
What are the equivalent alternative parts for the M3H16TDG-R?
- ⤷ How does the gate threshold voltage affect its performance in 3.3V logic circuits?
- ⤷ What are the recommended thermal management techniques for the PDFN56 package?