M3H18FDD-R
AI

The **M3H18FDD-R** is a high-performance N-Channel MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor) typically used in power management and switching applications. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### ## Technical Specifications
The following table summarizes the key electrical parameters for the M3H18FDD-R:
| Parameter | Symbol | Typical Value | Unit |
| :--- | :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DS}$ | 30 | Volts (V) |
| **Continuous Drain Current** | $I_D$ | 60 - 80* | Amperes (A) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | < 5.0 | mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20 | Volts (V) |
| **Total Gate Charge** | $Q_g$ | 15 - 25 | nC |
| **Package Type** | - | TO-252 (DPAK) | - |
*\*Note: Current ratings are often limited by the package and thermal dissipation.*
---
### ### Key Electronic Features
1. **Low On-Resistance ($R_{DS(on)}$):**
The device is designed with a very low resistance when in the "ON" state. This minimizes power loss through heat, making it highly efficient for high-current applications.
2. **High-Speed Switching:**
With a low gate charge ($Q_g$), the MOSFET can transition between ON and OFF states very rapidly. This is essential for high-frequency DC-DC converters.
3. **Trench Technology:**
It likely utilizes advanced Trench MOSFET technology, which allows for a higher cell density and lower resistance compared to older planar structures.
4. **Thermal Management:**
The **TO-252 (DPAK)** packaging is a surface-mount package designed for moderate to high power dissipation, providing a large metal tab for soldering to a PCB heat sink.
---
### ### Common Applications
* **DC-DC Converters:** Used as a switching element in buck or boost regulators.
* **Battery Protection:** Integrated into BMS (Battery Management Systems) for charging and discharging control.
* **Motor Control:** Driving small to medium-sized DC motors.
* **Load Switching:** Acts as an electronic switch to turn power rails on and off within a circuit.
---
### ### Schematic Representation
In a circuit diagram, the part is connected as follows:
```text
Drain (D)
|
|----+
Gate (G)-| | (N-Channel)
|----+
|
Source (S)
```
- ⤷
What are the equivalent alternative parts for the M3H18FDD-R?
- ⤷ How do I calculate the power dissipation for this MOSFET in a PWM circuit?
- ⤷ What is the maximum junction temperature for this device?