Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • M3H21FAG-R

  • AI
    The **M3H21FAG-R** is a specific part number belonging to the **M3H Group** of microcontrollers developed by **Toshiba**. These microcontrollers are based on the **Arm® Cortex®-M3 core** and are designed for high-performance motor control and general-purpose industrial applications. Below is a detailed breakdown of its electronic specifications and features. --- ## 1. Core Architecture | Feature | Specification | | :--- | :--- | | **CPU Core** | Arm® Cortex®-M3 | | **Maximum Frequency** | 40 MHz to 120 MHz (Varies by specific operating mode) | | **Architecture** | 32-bit RISC | | **Instruction Set** | Thumb-2 for high code density and efficiency | --- ## 2. Memory Configuration This chip is designed for medium-scale applications requiring reliable embedded storage. * **Internal Flash:** Typically includes high-speed flash memory for program storage (Capacity varies by sub-variant, generally around 128KB - 512KB). * **Internal RAM:** Integrated SRAM for data handling. * **Reliability:** Includes hardware support for memory protection units (MPU). --- ## 3. Peripheral & Analog Features The "M3H" series is renowned for its **Advanced Programmable Motor Control (A-PMD)** capabilities. ### Motor Control & Timers * **A-PMD:** High-resolution PWM timers capable of 3-phase complementary output, essential for inverter control and brushless DC (BLDC) motors. * **Encoder Input:** Support for incremental encoders (A, B, Z phases). ### Analog Components * **ADC (Analog-to-Digital Converter):** High-speed 12-bit ADC units for precise sensor feedback (current, voltage, temperature). * **DAC:** 8-bit or 12-bit Digital-to-Analog conversion. ### Communication Interfaces * **UART:** Universal Asynchronous Receiver/Transmitter. * **I2C:** Inter-Integrated Circuit. * **TSPI:** Toshiba Serial Peripheral Interface (High-speed SPI). --- ## 4. Electrical Characteristics | Parameter | Range/Value | | :--- | :--- | | **Operating Voltage** | 2.7V to 5.5V (Wide range for industrial stability) | | **Operating Temperature** | -40°C to +85°C (Standard Industrial) | | **Low Power Modes** | Supports Sleep, Stop, and IDLE modes to save energy | --- ## 5. Applications Due to its integrated motor control hardware, the M3H21FAG-R is commonly used in: 1. **Home Appliances:** Washing machines, air conditioners, and refrigerators (compressor/fan control). 2. **Industrial Equipment:** Small-scale pumps, fans, and automated machinery. 3. **Consumer Electronics:** Smart office equipment and power tools. --- ### Part Number Breakdown (Typical Toshiba Nomenclature) * **M3H:** Indicates the Microcontroller Group (Cortex-M3 High-performance). * **FAG:** Denotes specific pin count and memory density coding. * **-R:** Often indicates the packaging type (e.g., Tape and Reel) or a revision code.
    ✨ Follow-up Questions
    • ⤷ What is the exact Flash and RAM capacity for the M3H21FAG variant?
    • ⤷ Can this microcontroller be programmed using standard ARM JTAG/SWD debuggers?
    • ⤷ Does the M3H group support CAN bus communication?