M3H21TAG-R
AI

The **M3H21TAG-R** is a specific electronic component typically categorized under high-precision timing or frequency control devices, often associated with Surface Mount Device (SMD) oscillators or SAW (Surface Acoustic Wave) resonators/filters.
Below is a breakdown of the electronic characteristics and specifications generally associated with this part series.
---
### 1. General Specifications
While full datasheets are often proprietary to manufacturers like **Kyocera** or **TDK/EPCOS**, the "M3" series usually follows these parameters:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Component Type** | SMD Oscillator / Filter | - |
| **Mounting Type** | Surface Mount (SMD) | - |
| **Lead Finish** | RoHS Compliant (Gold or Tin) | - |
| **Operating Temp** | -40 to +85 | °C |
| **Packaging** | Tape & Reel (indicated by "-R") | - |
---
### 2. Key Electronic Features
#### A. Frequency Control
The "TAG" designation in many frequency components refers to a specific frequency band or a tolerance grouping. These parts are designed to maintain a stable output frequency despite changes in temperature or voltage.
#### B. Surface Acoustic Wave (SAW) Technology
If the part is a SAW filter/resonator (common for this numbering scheme):
* **Low Insertion Loss:** Minimizes signal strength degradation.
* **High Selectivity:** Effectively filters out out-of-band noise.
* **Impedance Matching:** Usually designed for 50Ω systems.
#### C. Power and Signal
* **Voltage Range:** Typically operates between **1.8V to 3.3V**.
* **Output Type:** CMOS or Clipped Sine Wave (depending on the internal IC).
---
### 3. Application Use Cases
The M3H series is frequently found in the following electronic circuits:
1. **Telecommunications:** Used in mobile handsets for signal filtering.
2. **Automotive Electronics:** Employed in RKE (Remote Keyless Entry) or TPMS (Tire Pressure Monitoring Systems).
3. **Industrial IoT:** Provides timing for low-power wireless modules (Zigbee, LoRa).
---
### 4. Part Number Breakdown (Generic)
| Segment | Meaning |
| :--- | :--- |
| **M3H** | Series identifier (Package size/Technology) |
| **21** | Frequency or Design code |
| **TAG** | Tolerance, Temperature range, or specific tuning |
| **-R** | Packaging suffix (Reel) |
---
- ⤷
What is the exact frequency of the M3H21TAG-R?
- ⤷ Can you provide the pinout diagram for this SMD component?
- ⤷ What are the recommended soldering profiles for the -R packaging?