M3H21TCG-R
AI

The **M3H21TCG-R** is an electronic component manufactured by **Taitien**, a leader in frequency control products. This specific part is a high-performance **Crystal Oscillator (XO)** designed for precision timing in industrial and communication applications.
---
### 1. Technical Specifications
Below is a breakdown of the key electronic characteristics of the M3H21TCG-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Crystal Oscillator (XO) |
| **Output Type** | CMOS / LVCMOS |
| **Supply Voltage (Vdd)** | 3.3V (Standard) |
| **Package Size** | 3.2mm x 2.5mm (SMD 3225) |
| **Frequency Stability** | ±25 ppm / ±50 ppm (Series dependent) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Pin Count** | 4 Pins |
---
### 2. Functional Pinout
The device follows a standard 4-pin surface mount layout:
1. **Pin 1 (Tri-State / OE):** Output Enable. Allows the output to be disabled to save power (High = Enable, Low/Open = High Impedance).
2. **Pin 2 (GND):** Ground connection.
3. **Pin 3 (Output):** The clock signal output (LVCMOS square wave).
4. **Pin 4 (Vdd):** DC Power supply input.
---
### 3. Key Electronic Features
* **Low Jitter:** Optimized for data transmission to ensure signal integrity across high-speed buses.
* **Compact Footprint:** The 3225 package is ideal for space-constrained PCB designs like IoT devices or handheld electronics.
* **LVCMOS Output:** Provides a rail-to-rail square wave compatible with most modern Microcontrollers (MCUs) and FPGAs.
* **Seam Sealed:** The package is hermetically sealed to protect the quartz crystal from environmental moisture and contaminants, ensuring long-term reliability.
---
### 4. Common Applications
Due to its stability and industrial temperature rating, this part is typically found in:
* **Networking:** Ethernet switches and routers.
* **Industrial Automation:** PLCs and sensor nodes.
* **Consumer Electronics:** High-definition video equipment and smart home hubs.
* **Embedded Systems:** Master clock for ARM-based processors.
---
- ⤷What is the specific frequency of the M3H21TCG-R variant?
- ⤷ How does the 'Tri-state' function impact power consumption in this circuit?
- ⤷ What are the soldering recommendations for the 3225 SMD package?