M3H22TCG-R
AI

The **M3H22TCG-R** belongs to the **M3H Group** of the Toshiba **TXZ+™ Family Advanced Series**. This is a high-performance 32-bit microcontroller based on the ARM® Cortex®-M3 core, specifically designed for motor control, industrial equipment, and home appliances.
---
### 1. Core Specifications
The internal architecture is optimized for real-time processing and low power consumption.
| Feature | Specification |
| :--- | :--- |
| **Core** | ARM® Cortex®-M3 |
| **Max Operating Frequency** | 120 MHz |
| **Operating Voltage** | 2.7V to 5.5V (Single supply) |
| **Flash Memory** | 128 KB |
| **RAM** | 16 KB (with Parity) |
| **Data Flash** | 32 KB (Rewritable 100,000 times) |
---
### 2. Key Electronic Components & Peripherals
The "TCG" designation in the part number refers to specific packaging and pin configurations. Below are the critical integrated electronic blocks:
#### A. Analog-to-Digital Converter (ADC)
* **Resolution:** 12-bit.
* **Speed:** High-speed conversion (approx. 1.5 μs).
* **Purpose:** Crucial for sensing current and voltage in motor control loops.
#### B. Motor Control Timer (A-PMD)
* **Advanced Programmable Motor Control Circuit:** Supports 3-phase PWM output.
* **Dead Time Control:** Integrated hardware to prevent short circuits in power stages.
* **Emergency Stop:** Includes a dedicated input to shut down PWM signals during overcurrent events.
#### C. Communication Interfaces
The chip integrates several serial communication protocols to interface with other sensors or master controllers:
* **UART:** 3 Channels.
* **I2C:** 2 Channels.
* **TSPI:** 2 Channels (High-speed Serial Peripheral Interface).
#### D. Safety & Reliability Features
* **ECC (Error Correction Code):** For Flash memory.
* **RAM Parity:** Detects memory errors.
* **LVD (Low Voltage Detection):** Monitors power supply stability.
* **Watchdog Timer:** Prevents software hang-ups.
---
### 3. Physical & Package Information
* **Package Type:** LQFP64 (10mm x 10mm).
* **Pin Count:** 64 pins.
* **Temperature Range:** -40°C to +85°C (Standard industrial grade).
---
### 4. Part Number Breakdown
Understanding the nomenclature helps identify the exact electronic capabilities:
* **M3H:** ARM Cortex-M3 High-speed Group.
* **2:** Indicates specific peripheral set/feature scale.
* **2:** Flash Memory capacity (128KB).
* **T:** Package type (LQFP).
* **C:** Pin count (64-pin).
* **G:** Function/Grade code.
* **-R:** Taping/Reel packaging.
---
- ⤷
What are the specific power consumption ratings for the M3H22TCG-R in sleep mode?
- ⤷ Does this microcontroller support hardware-based Field Oriented Control (FOC) for motors?
- ⤷ What development tools or IDEs are compatible with the Toshiba TXZ+ series?