M3H22TDD-R
AI

The **M3H22TDD-R** is a specific variant of a Magnetic Proximity Sensor, typically utilized in industrial automation for position sensing and pneumatic cylinder control. It belongs to a category of solid-state electronic switches.
---
### Technical Specifications and Electronic Profile
Below is a breakdown of the electronic characteristics typical of this component:
| Parameter | Specification |
| :--- | :--- |
| **Switching Type** | Solid State (Electronic) |
| **Output Type** | NPN / PNP (Depending on specific wiring configuration) |
| **Operating Voltage** | 5V to 30V DC |
| **Switching Current** | 100 mA Max |
| **Voltage Drop** | $\leq$ 0.5V |
| **Indicator** | Red LED (Standard for "R" suffix models) |
| **Connection** | 2-wire or 3-wire (Typically 2-wire for "TDD" series) |
---
### Key Electronic Components & Functionality
#### 1. The Magnetoresistive Element
Unlike a mechanical reed switch that uses physical metal blades, the M3H22TDD-R uses a solid-state sensor. When a magnetic field (from a piston or actuator) comes near, the internal resistance of the sensor changes, triggering the circuit.
#### 2. Switching Circuitry
The device includes internal protection and logic circuits:
* **Reverse Polarity Protection:** Prevents the device from burning out if the positive and negative wires are swapped.
* **Overload Protection:** Limits damage if the current exceeds the 100mA threshold.
#### 3. Visual Feedback (LED)
The "R" in the part number usually signifies a **Red LED indicator**. This is an electronic diagnostic tool that allows technicians to see if the sensor is "Active" without needing a multimeter.
#### 4. Wiring Diagram Logic
The M3H22TDD-R usually follows standard industrial color coding:
* **Brown:** Positive (+)
* **Blue:** Negative (-) / Common
---
### Applications
* **Pneumatic Cylinders:** Sensing the "End of Stroke" or "Home" position.
* **Robotics:** Detecting the presence of metallic/magnetic end-effectors.
* **Conveyor Systems:** Counting items or detecting gate positions.
- ⤷
What is the difference between this solid-state model and a standard reed switch?
- ⤷ Can this sensor be used with AC voltage or is it DC only?
- ⤷ How do I wire this sensor to a PLC input?