M3H22TDG-R
AI

## Electronic Specifications and Overview of M3H22TDG-R
The **M3H22TDG-R** is a specific electronic component, typically identified as a high-performance **MOSFET** (Metal-Oxide-Semiconductor Field-Effect Transistor) manufactured by **Magnachip**. It is widely used in power management circuits due to its efficiency and compact packaging.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for the M3H22TDG-R:
| Parameter | Symbol | Typical Value |
| :--- | :--- | :--- |
| **Drain-Source Voltage** | $V_{DSS}$ | 30V |
| **Continuous Drain Current** | $I_D$ | ~50A - 70A (Case dependent) |
| **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~2.0 mΩ - 3.5 mΩ |
| **Gate-Source Voltage** | $V_{GS}$ | ±20V |
| **Package Type** | Pkg | PDFN33 (3.3mm x 3.3mm) |
| **Total Gate Charge** | $Q_g$ | Low (Optimized for fast switching) |
---
### 2. Physical Characteristics & Packaging
The "TDG-R" suffix usually refers to the packaging and taping specifications:
* **Package (PDFN33):** A surface-mount package that offers excellent thermal dissipation despite its small footprint.
* **Thermal Pad:** The bottom of the part features a large exposed metal pad to transfer heat directly into the PCB (Printed Circuit Board) copper layers.
* **Lead-Free:** These parts are generally RoHS compliant and halogen-free.
---
### 3. Functional Applications
The M3H22TDG-R is designed for high-efficiency power conversion. Common applications include:
1. **DC-DC Converters:** Used as the "High-Side" or "Low-Side" switch in buck/boost converters for laptops and motherboards.
2. **Battery Management Systems (BMS):** Ideal for protection circuits where low $R_{DS(on)}$ is required to minimize heat loss.
3. **Motor Drivers:** Small BLDC (Brushless DC) motor control for drones or handheld electronics.
4. **Load Switching:** Turning off power to specific subsystems to save energy.
---
### 4. Circuit Implementation Example
When implementing this MOSFET, a gate resistor is often used to control the switching speed and prevent ringing.
```c
// Pseudo-logic for MOSFET PWM Control
if (PWM_Signal == HIGH) {
V_Gate = 10V; // Turn ON MOSFET
// Current flows from Drain to Source
} else {
V_Gate = 0V; // Turn OFF MOSFET
// High impedance state
}
```
---
- ⤷What is the maximum operating temperature for the M3H22TDG-R?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller signal?
- ⤷ What are the recommended heat dissipation techniques for the PDFN33 package?